Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 4Page - Texas Instruments TAS5802PWPR Datasheet HTML 5Page - Texas Instruments TAS5802PWPR Datasheet HTML 6Page - Texas Instruments TAS5802PWPR Datasheet HTML 7Page - Texas Instruments TAS5802PWPR Datasheet HTML 8Page - Texas Instruments TAS5802PWPR Datasheet HTML 9Page - Texas Instruments TAS5802PWPR Datasheet HTML 10Page - Texas Instruments TAS5802PWPR Datasheet HTML 11Page - Texas Instruments TAS5802PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
Serial Audio Port Timing - Target Mode
fSCLK
SCLK frequency
1.024
MHz
tSCLK
SCLK period
40
ns
tSCLKL
SCLK pulse width, low
16
ns
tSCLKH
SCLK pulse width, high
16
ns
tSL
SCLK rising to LRCLK/FS edge
8
ns
tLS
LRCK/FS Edge to SCLK rising edge
8
ns
tSU
Data setup time, before SCLK rising edge
8
ns
tDH
Data hold time, after SCLK rising edge
8
ns
tDFS
Data delay time from SCLK falling edge
15
ns
I2C Bus Timing – Standard
fSCL
SCL clock frequency
100
kHz
tBUF
Bus free time between a STOP and START condition
4.7
µs
tLOW
Low period of the SCL clock
4.7
µs
tHI
High period of the SCL clock
4
µs
tRS-SU
Setup time for (repeated) START condition
4.7
µs
tS-HD
Hold time for (repeated) START condition
4
µs
tD-SU
Data setup time
250
ns
tD-HD
Data hold time
0
3450
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
1000
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and after an
acknowledge bit
20 + 0.1CB
1000
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
1000
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
1000
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
1000
ns
tP-SU
Setup time for STOP condition
4
µs
CB
Capacitive load for each bus line
400
pf
I2C Bus Timing – Fast
fSCL
SCL clock frequency
400
kHz
tBUF
Bus free time between a STOP and START condition
1.3
µs
tLOW
Low period of the SCL clock
1.3
µs
tHI
High period of the SCL clock
600
ns
tRS-SU
Setup time for (repeated)START condition
600
ns
tRS-HD
Hold time for (repeated)START condition
600
ns
tD-SU
Data setup time
100
ns
tD-HD
Data hold time
0
900
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
300
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and after an
acknowledge bit
20 + 0.1CB
300
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
300
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
300
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
300
ns
tP-SU
Setup time for STOP condition
600
ns
tSP
Pulse width of spike suppressed
50
ns
CB
Capacitive load for each bus line
400
pf
5.7 Typical Characteristics
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com