Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5802PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 3Page - Texas Instruments TAS5802PWPR Datasheet HTML 4Page - Texas Instruments TAS5802PWPR Datasheet HTML 5Page - Texas Instruments TAS5802PWPR Datasheet HTML 6Page - Texas Instruments TAS5802PWPR Datasheet HTML 7Page - Texas Instruments TAS5802PWPR Datasheet HTML 8Page - Texas Instruments TAS5802PWPR Datasheet HTML 9Page - Texas Instruments TAS5802PWPR Datasheet HTML 10Page - Texas Instruments TAS5802PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Free-air room temperature 25°C, 1SPW Mode, LC filter=4.7uH+0.68uF, Fsw=768kHz, Class D Bandwidth=175kHz, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
programmable gain configured with 29.4dBV
analog gain, VPVDD =
13.5 V
–6.5
6.5
mV
PO(SPK)
Output Power (Per Channel)
VPVDD = 13.5 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
10%
16
W
PO(SPK)
Output Power (Per Channel)
VPVDD = 13.5 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
1%
13
W
PO(SPK)
Output Power (Per Channel)
VPVDD = 18 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
10%
30
W
PO(SPK)
Output Power (Per Channel)
VPVDD = 18 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
1%
25
W
PO(SPK)
Output Power (Per Channel)
VPVDD = 20 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
10%
35
W
PO(SPK)
Output Power (Per Channel)
VPVDD = 20 V, RSPK = 6 Ω, f = 1 kHz, THD+N =
1%
28
W
THD+NSPK
Total harmonic distortion and
noise
(PO = 1 W, f = 1 KHz, RSPK =
6 Ω)
VPVDD = 18 V
0.03
%
THD+NSPK
Total harmonic distortion and
noise
(PO = 1 W, f = 1 KHz, RSPK =
6 Ω)
VPVDD = 13.5 V
0.03
%
ICN(SPK)
Idle channel noise(Aweighted,
AES17)
VPVDD = 13.5 V, LC-filter, Load=6 Ω
50
µVrms
VPVDD = 18 V, LC-filter ,Load=6 Ω
60
µVrms
SNR
Signal-to-noise ratio
A-Weighted, referenced to 1% THD+N Output
Level, VPVDD=18 V
109
dB
A-Weighted, referenced to 1% THD+N Output
Level, VPVDD=13.5 V
106
dB
PSRR
Power supply rejection ratio
Injected Noise = 1 kHz, 1 Vrms, VPVDD = 13.5 V,
input audio signal = digital zero
72
dB
X-talkSPK
Cross-talk (worst case
between left-to-right and
right-to-left coupling)
f = 1 kHz, based on Inductor (DFEG7030D-4R7)
from Murata
100
dB
(1)
For stable device operation, it is recommended to follow the given operating voltages and procedures outlined in “Startup Procedures”
section.
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com