Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160 Datasheet(PDF) 23 Page - Microchip Technology

Part # 25CS160
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 25CS160 Datasheet HTML 19Page - Microchip Technology 25CS160 Datasheet HTML 20Page - Microchip Technology 25CS160 Datasheet HTML 21Page - Microchip Technology 25CS160 Datasheet HTML 22Page - Microchip Technology 25CS160 Datasheet HTML 23Page - Microchip Technology 25CS160 Datasheet HTML 24Page - Microchip Technology 25CS160 Datasheet HTML 25Page - Microchip Technology 25CS160 Datasheet HTML 26Page - Microchip Technology 25CS160 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 23
25CS160
7.0
READ SEQUENCES
7.1
Reading from the EEPROM
Reading the EEPROM contents can be done whenever
the device is not in an internal write cycle, as indicated
by the Ready/Busy bit of the STATUS register. To read
the EEPROM, the CS line is pulled low to select the
device, and the READ (03h) instruction is transmitted
via the SI line, followed by the 16-bit address to be
read. Address bits A15 through A11 are “don't care” bits
because they do not fall within the addressable
memory range.
Upon completion of the 16-bit address, any data on the
SI line will be ignored. The data (D7–D0) at the
specified address are then shifted out onto the SO line.
If only one byte is to be read, the CS line should be
driven high after the data are clocked out.
The read sequence can be continued since the byte
address is automatically incremented, and data will
continue to be shifted out. When the highest address
is reached, the address counter will roll over to the
lowest address (0000h), allowing the entire memory to
be read in one continuous read cycle, regardless of
the starting address.
The read sequence can be terminated at any point in
the sequence, driving CS high.
FIGURE 7-1:
READ EEPROM (
READ) SEQUENCE
1
0
234
567
9 10 11 12
32 33
31
30
29
28
27
26
24
23
22
21
0 0 000 0 1 1
AA A
READ Opcode (03h)
Address Bits A15-A0
XX XXX A
SI
D7
Data Byte 1
SO
MSb
MSb
MSb
MSb
High-Impedance
D6 D5 D4 D3 D2 D1 D0 D7 D6
825
SCK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com