Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160 Datasheet(PDF) 13 Page - Microchip Technology

Part # 25CS160
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25CS160 Datasheet HTML 9Page - Microchip Technology 25CS160 Datasheet HTML 10Page - Microchip Technology 25CS160 Datasheet HTML 11Page - Microchip Technology 25CS160 Datasheet HTML 12Page - Microchip Technology 25CS160 Datasheet HTML 13Page - Microchip Technology 25CS160 Datasheet HTML 14Page - Microchip Technology 25CS160 Datasheet HTML 15Page - Microchip Technology 25CS160 Datasheet HTML 16Page - Microchip Technology 25CS160 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 13
25CS160
3.0
MEMORY ORGANIZATION
3.1
EEPROM Organization
The 25CS160 is internally organized as 64 pages of
32 bytes each.
3.2
Device Registers
The 25CS160 contains four types of registers that
modulate device operation and/or report on the current
status of the device. These registers are:
• STATUS register
• Security register
• Undervoltage Lockout Detection (UVLO) register
• Identification register
3.2.1
STATUS REGISTER
The STATUS register is a 16-bit combination of volatile
and nonvolatile bits. It is used to modify the write
protection functions as well as store various aspects of
the current status of the device. Details about the
STATUS register are covered in Section 6.0 “STATUS
Register”.
3.2.2
SECURITY REGISTER
The Security register is split into a read-only section
and a user-programmable, lockable ID page section.
The read-only section contains a preprogrammed,
globally unique, 128-bit serial number.
The user-programmable (lockable ID page) section of
the Security register is ideal for applications that need
to irreversibly protect critical or sensitive application
data from ever being altered. See Section 9.0
“Security Register” for more details about the
Security register.
3.2.3
UNDERVOLTAGE LOCKOUT
REGISTER
The Undervoltage Lockout Detection (UVLO) register
is an 8-bit nonvolatile register that can be used to
modify the threshold of the undervoltage detection
circuit. Information on this function can be found in
Section 10.0
“Programmable
UnderVoltage
Lockout”.
3.2.4
IDENTIFICATION REGISTER
The Identification register is a 40-bit nonvolatile,
read-only register that contains device identification
data in compliance with the JEDEC® standard for
“Manufacturer and Device ID Read Methodology for
SPI Compatible Serial Interface Memory Devices.” The
contents and format of the Identification register can be
reviewed in Section 11.0 “Identification Register”.
FIGURE 3-1:
MEMORY ORGANIZATION
Memory Address Range
Protection Features
16-Kbit
EEPROM
512-bit
Security
Register
16-Kbit Address Range:
0000h – 07FFh
128-bit Serial Number
Address Range (0000h – 000Fh)
Legacy Write Protection
• Block Protection (BP bits in STATUS register)
• Hardware Protection (WP pin via STATUS
register)
Read-Only
Permanently Lockable by Software
User-Programmable, Lockable ID Page
Address Range (0020h – 003Fh)
Reserved for Future Use (FFh)
Address Range (0010h – 001Fh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com