Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160 Datasheet(PDF) 14 Page - Microchip Technology

Part # 25CS160
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25CS160 Datasheet HTML 10Page - Microchip Technology 25CS160 Datasheet HTML 11Page - Microchip Technology 25CS160 Datasheet HTML 12Page - Microchip Technology 25CS160 Datasheet HTML 13Page - Microchip Technology 25CS160 Datasheet HTML 14Page - Microchip Technology 25CS160 Datasheet HTML 15Page - Microchip Technology 25CS160 Datasheet HTML 16Page - Microchip Technology 25CS160 Datasheet HTML 17Page - Microchip Technology 25CS160 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 14
25CS160
4.0
FUNCTIONAL DESCRIPTION
4.1
Device Operation
The 25CS160 is controlled by a set of instructions that
are sent from a host controller, commonly referred to as
the SPI host. The SPI host communicates with the
25CS160 via the SPI bus, which is comprised of four
signal lines:
• Chip Select (CS)
• Serial Clock (SCK)
• Serial Input (SI)
• Serial Output (SO)
The SPI protocol defines a total of four modes of
operation (Mode 0, 1, 2 or 3), with each mode differing
in respect to the SCK polarity and phase and how the
polarity and phase control the flow of data on the SPI
bus. The 25CS160 supports the two most common
modes, SPI Modes 0 and 3. With SPI Modes 0 and 3,
data are always latched in on the rising edge of SCK
and always output on the falling edge of SCK. The only
difference between SPI Modes 0 and 3 is the polarity of
the SCK signal when in the inactive state (when the SPI
host is in Standby mode and not transferring any data).
SPI Mode 0 is defined as a low SCK while CS is not
asserted (high), and SPI Mode 3 has SCK high in the
inactive state. The SCK Idle state must match when the
CS is deasserted both before and after the
communication sequence in SPI Mode 0 and 3.
The figures in this document depict Mode 0 with a solid
line on SCK while CS is inactive and Mode 3 with a
dotted line.
FIGURE 4-1:
SPI MODE 0 AND MODE 3
4.2
Interfacing the 25CS160 on the SPI
Bus
Communication to and from the 25CS160 must be
initiated by the SPI host device. The SPI host device
must generate the serial clock for the 25CS160 on the
SCK pin. The 25CS160 always operates as a client
because the Serial Clock pin (SCK) is always an input.
4.2.1
SELECTING THE DEVICE
The 25CS160 is selected when the CS pin is low. When
the device is not selected, data will not be accepted via
the SI pin, and the SO pin will remain in a
high-impedance state.
4.2.2
SENDING DATA TO THE DEVICE
The 25CS160 uses the Serial Data Input (SI) pin to
receive information. All instructions, addresses and
data input bytes are clocked into the device with the
Most Significant bit (MSb) first. The SI pin begins
sampling on the first rising edge of the SCK line after
the CS has been asserted.
4.2.3
RECEIVING DATA FROM THE
DEVICE
Data output from the device is transmitted on the Serial
Data Output (SO) pin with the MSb output first. The SO
data are latched on the falling edge of the first SCK
clock cycle after the instruction and address bytes, if
necessary, have been clocked into the device.
Mode 3
Mode 0
Mode 3
Mode 0
MSb
LSb
CS
SCK
SO
SI
MSb
LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com