Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160 Datasheet(PDF) 17 Page - Microchip Technology

Part # 25CS160
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 25CS160 Datasheet HTML 13Page - Microchip Technology 25CS160 Datasheet HTML 14Page - Microchip Technology 25CS160 Datasheet HTML 15Page - Microchip Technology 25CS160 Datasheet HTML 16Page - Microchip Technology 25CS160 Datasheet HTML 17Page - Microchip Technology 25CS160 Datasheet HTML 18Page - Microchip Technology 25CS160 Datasheet HTML 19Page - Microchip Technology 25CS160 Datasheet HTML 20Page - Microchip Technology 25CS160 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 17
25CS160
5.0
WRITE ENABLE AND DISABLE
5.1
Write Enable Instruction (WREN)
The Write Enable Latch (WEL) bit of the STATUS
register must be set to a logic ‘1’ prior to each WRSR,
WRITE, WREX, or LOCK instruction. The WEL bit is set
to a logic ‘1’ by sending a WREN (06h) instruction to the
25CS160. First, the CS pin is driven low to select the
device, and then a 06h instruction is clocked in on the
SI pin. After that, the CS pin is driven high. The WEL bit
will be immediately updated in the STATUS register to
a logic ‘1’.
The WEL bit will be reset to a logic ‘0’ in the following
circumstances:
• Upon power-up, as the power-on default condition
is in the Write Disable state (Section 1.2.2
“Device Factory Default Condition”)
• Upon the successful completion of any write
sequence (WRITE, WRSR, WREX)
• Upon execution of a Write Disable (WRDI)
instruction (Section 5.2 “Write Disable (WRDI)
Instruction”)
• Upon execution of a Software Device Reset
(SRST) instruction
FIGURE 5-1:
WRITE ENABLE (
WREN) INSTRUCTION
5.2
Write Disable (WRDI) Instruction
To protect the device against inadvertent write
sequences, the Write Disable (04h) instruction disables
all programming modes by setting the WEL bit to a
logic ‘0’. The WRDI instruction is independent of the
WP pin state.
FIGURE 5-2:
WRITE DISABLE (
WRDI) INSTRUCTION
SCK
0
2
3
456
7
1
High-Impedance
SO
CS
SI
WREN Opcode (06h)
0
0
000
1
1
0
MSb
SCK
0
2
34
567
1
High-Impedance
SO
CS
SI
WRDI Opcode (04h)
0
0
000
1
0
0
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com