Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM70 Datasheet HTML 1Page - National Semiconductor (TI) LM70 Datasheet HTML 2Page - National Semiconductor (TI) LM70 Datasheet HTML 3Page - National Semiconductor (TI) LM70 Datasheet HTML 4Page - National Semiconductor (TI) LM70 Datasheet HTML 5Page - National Semiconductor (TI) LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams
MSOP-8
LLP-8
10122302
TOP VIEW
NS Package Number MUA08A
10122325
TOP VIEW
NS Package Number LDA08A
Ordering Information
Order Number
Package
Marking
NS Package
Number
Supply Voltage
Transport Media
LM70CILD-3
T33
LLP-8, LDA08A
2.65V to 3.6V
1000 Units in Tape and Reel
LM70CILDX-3
T33
LLP-8, LDA08A
2.65V to 3.6V
4500 Units in Tape and Reel
LM70CILD-5
T35
LLP-8, LDA08A
4.5V to 5.5V
1000 Units in Tape and Reel
LM70CILDX-5
T35
LLP-8, LDA08A
4.5V to 5.5V
4500 Units in Tape and Reel
LM70CIMM-3
T04C
MSOP-8, MUA08A
2.65V to 3.6V
1000 Units in Tape and Reel
LM70CIMMX-3
T04C
MSOP-8, MUA08A
2.65V to 3.6V
3500 Units in Tape and Reel
LM70CIMM-5
T03C
MSOP-8, MUA08A
4.5V to 5.5V
1000 Units in Tape and Reel
LM70CIMMX-5
T03C
MSOP-8, MUA08A
4.5V to 5.5V
3500 Units in Tape and Reel
Pin Descriptions
Label
SOP-8
Pin #
LLP-8
Pin #
Function
Typical Connection
SI/O
1
1
Input/Output - Serial bus bi-directional data line.
Schmitt trigger input.
From and to Controller
SC
2
3
Clock - Serial bus clock Schmitt trigger input
line.
From Controller
GND
4
7
Power Supply Ground
Ground
V
+
5
5
Positive Supply Voltage Input
DC Voltage from 2.65V to 5.5V. Bypass
with a 0.1 µF ceramic capacitor.
CS
7
8
Chip Select input.
From Controller
NC
3, 6, 8
2, 4, 6
No Connect
These pins are not connected to the
LM70 die in any way.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com