Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM70 Datasheet HTML 1Page - National Semiconductor (TI) LM70 Datasheet HTML 2Page - National Semiconductor (TI) LM70 Datasheet HTML 3Page - National Semiconductor (TI) LM70 Datasheet HTML 4Page - National Semiconductor (TI) LM70 Datasheet HTML 5Page - National Semiconductor (TI) LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM70
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
Sensor
General Description
The LM70 is a temperature sensor, Delta-Sigma analog-to-
digital converter with an SPI and MICROWIRE compatible
interface available in LLP and MSOP 8-pin packages. The
host can query the LM70 at any time to read temperature. A
shutdown mode decreases power consumption to less than
10 µA. This mode is useful in systems where low average
power consumption is critical.
The LM70 has 10-bit plus sign temperature resolution
(0.25˚C per LSB) while operating over a temperature range
of −55˚C to +150˚C.
The LM70’s 2.65V to 5.5V supply voltage range, low supply
current and simple SPI interface make it ideal for a wide
range of applications. These include thermal management
and protection applications in hard disk drives, printers, elec-
tronic test equipment, and office electronics.
Applications
n
System Thermal Management
n
Personal Computers
n
Disk Drives
n
Office Electronics
n
Electronic Test Equipment
Features
n
0.25˚C temperature resolution.
n
Shutdown mode conserves power between temperature
reading
n
SPI and MICROWIRE Bus interface
n
MSOP-8 and LLP-8 packages save space
n
UL Recognized Component
Key Specifications
j Supply Voltage
2.65V to 5.5V
j Supply Current
operating
260 µA (typ)
490 µA (max)
shutdown
12 µA (typ)
j Temperature
Accuracy
−40˚C to 85˚C
±2˚C(max)
−10˚C to 65˚C
+1.5/−2˚C(max)
−55˚C to 125˚C
+3/−2˚C(max)
−55˚C to 150˚C
+3.5/−2˚C(max)
Simplified Block Diagram
10122301
February 2006
© 2006 National Semiconductor Corporation
DS101223
www.national.com


Similar Part No. - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70 TI-LM70 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI2-LM70 Datasheet
793Kb / 23P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
REVISED MARCH 2013
logo
Sanyo Semicon Device
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
LM7000N SANYO-LM7000N Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
More results

Similar Description - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com