Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) LM70 Datasheet HTML 10Page - National Semiconductor (TI) LM70 Datasheet HTML 11Page - National Semiconductor (TI) LM70 Datasheet HTML 12Page - National Semiconductor (TI) LM70 Datasheet HTML 13Page - National Semiconductor (TI) LM70 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1.0 Functional Description (Continued)
1.5 INTERNAL REGISTER STRUCTURE
The LM70 has three registers, the temperature register, the
configuration register and the manufacturer’s/device identifi-
cation register. The temperature and manufacturer’s/device
identification registers are read only. The configuration reg-
ister is write only.
1.5.1 CONFIGURATION REGISTER
(Selects shutdown or continuous conversion modes):
(Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
XXXXXXX
Shutdown
D0-D15 set to XX FF hex enables shutdown mode.
D0-D15 set to XX 00 hex enables continuous conversion
mode.
Note: setting D0-D15 to any other values may place the
LM70 into a manufacturer’s test mode, upon which the LM70
will stop responding as described. These test modes are to
be used for National Semiconductor production testing only.
See Section 1.2 Serial Bus Interface for a complete discus-
sion.
1.5.2 TEMPERATURE REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
1
1
1
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2–D4: Always set high.
D5–D15: Temperature Data. One LSB = 0.25˚C. Two’s
complement format.
1.5.3 MANUFACTURER’S/DEVICE ID REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0000001000000
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2-D4: Always set LOW.
D5–D15: Manufacturer’s ID Data. This register is accessed
whenever the LM70 is in shutdown mode.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com