Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM70 Datasheet HTML 1Page - National Semiconductor (TI) LM70 Datasheet HTML 2Page - National Semiconductor (TI) LM70 Datasheet HTML 3Page - National Semiconductor (TI) LM70 Datasheet HTML 4Page - National Semiconductor (TI) LM70 Datasheet HTML 5Page - National Semiconductor (TI) LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V
+ + 0.3V
Input Current at any Pin (Note 2)
5 mA
Package Input Current (Note 2)
20 mA
Storage Temperature
−65˚C to +150˚C
Soldering Information, Lead Temperature
MSOP-8 and LLP-8 Packages
(Note 3)
Vapor Phase (60 seconds)
Infrared (15 seconds)
215˚C
220˚C
ESD Susceptibility (Note 4)
Human Body Model
3000V
Machine Model
300V
Operating Ratings
Specified Temperature Range
T
MIN to TMAX
(Note 5)
−55˚C to +150˚C
Supply Voltage Range (+V
S)
+2.65V to +5.5V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM70-3 and V+ = 4.5V to 5.5V for the LM70-5
(Note 6). Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ=+25˚C, unless otherwise noted.
Parameter
Conditions
Typical
(Note 7)
LM70-5
Limits
(Note 8)
LM70-3
Limits
(Note 8)
Units
(Limit)
Temperature Error (Note 6)
T
A = −10˚C to +65˚C
+1.5/−2.0
+1.5/−2.0
˚C (max)
T
A = −40˚C to +85˚C
±2.0
±2.0
˚C (max)
T
A = −55˚C to +125˚C
+3.0/−2.0
+3.0/−2.0
˚C (max)
T
A = −55˚C to +150˚C
+3.5/−2.0
+3.5/−2.0
˚C (max)
Resolution
11
0.25
Bits
˚C
Temperature Conversion
Time
(Note 9)
140
210
210
ms (max)
Quiescent Current
Serial Bus Inactive
260
490
490
µA (max)
Serial Bus Active
260
µA
Shutdown Mode
12
µA
Logic Electrical Characteristics
Digital DC Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM70-3 and V+ = 4.5V to 5.5V for the
LM70-5. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IN(1)
Logical “1” Input Voltage
V
+ x 0.7
V (min)
V
+ + 0.3
V (max)
V
IN(0)
Logical “0” Input Voltage
−0.3
V (min)
V
+ x 0.3
V (max)
Input Hysteresis Voltage
V
+ = 2.65V to 3.6V
0.8
0.27
V (min)
V
+ = 4.5V to 5.5V
0.8
0.35
V (min)
I
IN(1)
Logical “1” Input Current
V
IN =V
+
0.005
3.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−3.0
µA (min)
C
IN
All Digital Inputs
20
pF
V
OH
High Level Output Voltage
I
OH = −400 µA
2.4
V (min)
V
OL
Low Level Output Voltage
I
OL =+2mA
0.4
V (max)
I
O_TRI-STATE
TRI-STATE Output Leakage
Current
V
O = GND
V
O =V
+
−1
+1
µA (min)
µA (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com