Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM70 Datasheet HTML 2Page - National Semiconductor (TI) LM70 Datasheet HTML 3Page - National Semiconductor (TI) LM70 Datasheet HTML 4Page - National Semiconductor (TI) LM70 Datasheet HTML 5Page - National Semiconductor (TI) LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) LM70 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Note 3: See the section titled “Surface Mount” found in a current National Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: The life expectancy of the LM70 will be reduced when operating at elevated temperatures. LM70
θJA (thermal resistance, junction-to-ambient) when
attached to a printed circuit board with 2 oz. foil is summarized in the table below:
Device Number
NS Package
Number
Thermal
Resistance (
θ
JA)
LM70CILD
LDA08A
51.3˚C/W
LM70CIMM
MUA08A
200˚C/W
Note 6: Both part numbers of the LM70 will operate properly over the V+ supply voltage range of 2.65V to 5.5V. The temperature error for temperature ranges of
−10˚C to +65˚C, −40˚C to +85˚C, −55˚C to +125˚C and −55˚C to +150˚C include error induced by power supply variation of ±5% from the nominal value.
Temperature error will increase by ±0.3˚C for a power supply voltage (V+) variation of ±10% from the nominal value.
Note 7: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: This specification is provided only to indicate how often temperature data is updated. The LM70 can be read at any time without regard to conversion state
(and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be updated at the completion of the read and a
new conversion restarted.
Note 10: For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an error of 0.64˚C at full
rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com