Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4430-1YKSZ-R2
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4430-1YKSZ-R2 Datasheet HTML 1Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 2Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 3Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 4Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 5Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4430-1
Rev. C | Page 3 of 20
SPECIFICATIONS
VS = 3 V @ TA = 25°C, VIN = 1 V p-p, RL = 150 Ω, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ELECTRICAL SPECIFICATIONS
Quiescent Supply Current
1.85
2.3
mA
Quiescent Supply Current
ADA4430-1W only: TMIN to TMAX
1.85
3
mA
Quiescent Supply Current—Disabled
0.1
5
μA
Quiescent Supply Current—Disabled
ADA4430-1W only: TMIN to TMAX
0.1
6
μA
Supply Voltage
ADA4430-1W only: TMIN to TMAX
2.5
6
V
Input Voltage Range—Low/High
Limited by output range; see the Applications Information
section
0/1.38
V
Input Resistance
10
MΩ
Input Capacitance
1
pF
Input Bias Current
0.5
μA
Output Voltage Range—Low/High
0.10/2.85
V
Output Offset Voltage
95
140
mV
Output Offset Voltage
ADA4430-1W only: TMIN to TMAX
95
200
mV
PSRR
Input referred, ADA4430-1W only: TMIN to TMAX
50
60
dB
Pass-Band Gain
ADA4430-1W only: TMIN to TMAX
5.85
6
dB
Input-to-Output Isolation—Disabled
f = 1 MHz
92
dB
FILTER CHARACTERISTICS
−3 dB Bandwidth
ADA4430-1W only: TMIN to TMAX
7
9.7
MHz
1 dB Flatness
ADA4430-1W only: TMIN to TMAX
5.5
8.0
MHz
Out-of-Band Rejection
f = 27 MHz; ADA4430-1W only: TMIN to TMAX
40
50
dB
Differential Gain
Modulated 10-step ramp, sync tip at 0 V
0.25
%
Differential Phase
Modulated 10-step ramp, sync tip at 0 V
0.10
Degrees
Linear Output Current
40
mA
Group Delay Variation
f = 100 kHz to 5 MHz
7
ns
Signal-to-Noise Ratio
100% white signal, f = 100 kHz to 5 MHz
76
dB
DISABLE
Disable Input Voltage
Device disabled
<0.7
V
Device enabled
>1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com