Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4430-1YKSZ-R2
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4430-1YKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 9Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 10Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4430-1
Rev. C | Page 10 of 20
1.85
1.80
1.75
1.70
1.65
400
300
200
100
0
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
DISABLED (VDIS = 0V)
ENABLED (VDIS = 3V)
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
3.0
2.5
2.0
1.5
1.0
0.5
0
DISABLE VOLTAGE (V)
+125°C
+25°C
–40°C
Figure 23. Power Supply Current vs. Temperature
Figure 24. Power Supply Current vs. Disable Voltage at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com