Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4430-1YKSZ-R2
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4430-1YKSZ-R2 Datasheet HTML 1Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 2Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 3Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 4Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 5Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Power Video Filter
with Power-Down
ADA4430-1
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Qualified for automotive applications
6th-order performance, low-pass video filter
1 dB flatness out to 8 MHz
50 dB rejection at 27 MHz
Ultralow power-down current: 0.1 μA typical
Low quiescent current: 1.85 mA typical
Excellent video specification
Differential gain: 0.25%
Differential phase: 0.10°
SAG correction
Allows use of small capacitors in ac-coupled outputs
Low supply voltage: 2.5 V to 6 V
Rail-to-rail output
High input-to-output isolation in disabled state
92 dB at 1 MHz
Low input bias current: 0.5 μA
Small packaging: SC70 and SOT-23 (automotive grade only)
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Automotive infotainment (SOT-23 only)
Automotive rearview cameras (SOT-23 only)
Portable media players
Portable gaming consoles
Cell phones
Digital still cameras
Portable DVD players
Portable video cameras
PIN CONFIGURATION
2 × R
2 × R
2 × R
×1
R
1
2
3
6
5
4
VS
VOUT
VIN
GND
SAG
DIS
ADA4430-1
Figure 1.
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
11
FREQUENCY (MHz)
0
VS = 3V
VS = 5V
Figure 2. Frequency Response Flatness at Various Power Supplies
GENERAL DESCRIPTION
The ADA4430-1 is a fully integrated video reconstruction filter
that combines excellent video specifications with low power
consumption and an ultralow power disable, making it ideal
for portable video filtering applications. With 1 dB frequency
flatness out to 8 MHz and 50 dB rejection at 27 MHz, the
ADA4430-1 is ideal in SD video applications, including
NTSC and PAL.
The ADA4430-1 operates on single supplies as low as 2.5 V and
as high as 6 V while providing the dynamic range required by
the most demanding video systems.
The ADA4430-1 also provides an on-chip dc offset to avoid
clipping of the sync tips at the filter output, as well as SAG
correction that permits smaller capacitor values to be used in
applications with ac-coupled outputs.
The ADA4430-1 is available in a two 6-lead packages. The SC70
for commercial applications and the SOT-23 for automotive
applications are rated to work in the extended temperature
range of −40°C to +125°C.


Similar Part No. - ADA4430-1YKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1YKSZ-R7 AD-ADA4430-1YKSZ-R7 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4430-1YKSZ-RL AD-ADA4430-1YKSZ-RL Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
More results

Similar Description - ADA4430-1YKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
Ultra low power video buffer,filter with power-down
04-Aug-2008
logo
Texas Instruments
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
Ultralow-Power NTSC/PAL Video Decoder
logo
Analog Devices
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
Ultra-low Power Video Filter with Shut-down & SAG Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com