Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4430-1YKSZ-R2
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4430-1YKSZ-R2 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 14Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4430-1
Rev. C | Page 15 of 20
RECONSTRUCTION FILTER APPLICATIONS
Figure 33 illustrates how to use the ADA4430-1 as a dc-coupled
reconstruction filter with a pass-band gain of 2 following the
low power ADV7190/ADV7191 video encoder. One ADV7190/
ADV7191 output DAC is shown for illustrative purposes, and
the remaining portions of the ADV7190/ADV7191 are omitted.
The ADV7190/ADV7191 is operated in 4× oversampling mode.
The 2.4 kΩ resistor, RSET, shown in Figure 33 sets the DAC
output current to its minimum full-scale value of 2.16 mA, and
the 600 Ω load resistor produces a full-scale voltage of 1.296 V
at the ADA4430-1 input.
Figure 34 illustrates another reconstruction filter application,
following the ADV7174 video encoder. As in Figure 33, one
ADV7174 output DAC is shown for illustrative purposes, and
the remaining portions of the ADV7174 are omitted.
The 1041 Ω resistor, RSET, shown in Figure 34, sets the DAC
output current to its minimum full-scale value of 5 mA, and the
262.5 Ω load resistor produces a full-scale voltage of 1.313 V at
the ADA4430-1 input.
The ADV7174 can produce a maximum full-scale DAC output
current of approximately 35 mA and is therefore capable of
driving the video cable directly; however, as shown in Figure 34,
the ADA4430-1 offers a lower power cable-driving option.
Figure 34 reveals the details of how the ADA4430-1 saves
power when driving video cables with terminations at both
ends. A full-scale level at the DAC output produces 2.626 V at
the ADA4430-1 output, which in turn delivers 17.5 mA into
the cable. In the case shown in Figure 27, the output voltage is
1.313 V, but the current driven into the cable is 35 mA—twice
that required when the ADA4430-1 is used. Therefore, the
ADA4430-1 allows the video encoder to be operated at its
minimum full-scale output current, and it efficiently handles
the cable-driving burden.
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
ADV7190/ADV7191
DAC
DIS
VS
DISABLE CONTROL
ADA4430-1
1
2
3
4
5
6
2.4kΩ
600Ω
75Ω
75Ω
75Ω CABLE
0.1µF
0.1µF
RSET
17, 25, 29, 38, 43, 54, 63
34, 48
18, 24, 26, 33,
39, 42, 55, 64
AGND
VAA
3V
×1
Figure 33. Using the ADA4430-1 with the ADV7190/ADV7191 Video Encoder
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
ADV7174 DAC
VS
DISABLE CONTROL
ADA4430-1
1
2
3
4
5 6
1041Ω
(931Ω + 110Ω)
75Ω
75Ω
75Ω CABLE
0.1µF
0.1µF
RSET
2, 10, 18, 25, 27
31
6-9, 11, 12,
17, 19, 26, 40
AGND
VAA
3V
262.5Ω
(191Ω + 71.5Ω)
2.6kΩ
DIS
×1
Figure 34. Using the ADA4430-1 with the ADV7174 Video Encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com