Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4430-1YKSZ-R2
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4430-1YKSZ-R2 Datasheet HTML 9Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 10Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 14Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4430-1YKSZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4430-1
Rev. C | Page 13 of 20
APPLICATIONS INFORMATION
EXAMPLES ILLUSTRATING OUTPUT COUPLING
The ADA4430-1 is ideally suited for use as a reconstruction
filter that follows a video DAC or encoder. The application
circuits in Figure 29, Figure 30, and Figure 31 illustrate a
number of ways the ADA4430-1 can be used with a single-
supply current-output DAC on its input and its output ac- and
dc-coupled.
SAG correction allows the use of two small, lower cost
capacitors in place of one large capacitor in applications with
ac-coupled outputs. Circuits with ac-coupled outputs consume
less power than those with dc-coupled outputs.
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
RL
VIDEO OUT
DIS
VS
3V
DISABLE CONTROL
0.1µF
ADA4430-1
1
2
3
4
56
VIDEO
DAC/ENCODER
75Ω
47µF
22µF
×1
Figure 29. AC-Coupled Output with SAG Correction
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
RL
VIDEO OUT
3V
DISABLE CONTROL
0.1µF
ADA4430-1
1
2
3
4
56
VIDEO
DAC/ENCODER
75Ω
220µF
DIS
VS
×1
Figure 30. Traditional AC-Coupled Output with 220 μF Coupling Capacitor
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
RL
VIDEO OUT
3V
DISABLE CONTROL
0.1µF
ADA4430-1
1
2
3
4
56
VIDEO
DAC/ENCODER
75Ω
DIS
VS
×1
Figure 31. DC-Coupled Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com