Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14WY Datasheet(PDF) 10 Page - STMicroelectronics

Part # ESDA14WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14WY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ESDA14WY Datasheet HTML 5Page - STMicroelectronics ESDA14WY Datasheet HTML 6Page - STMicroelectronics ESDA14WY Datasheet HTML 7Page - STMicroelectronics ESDA14WY Datasheet HTML 8Page - STMicroelectronics ESDA14WY Datasheet HTML 9Page - STMicroelectronics ESDA14WY Datasheet HTML 10Page - STMicroelectronics ESDA14WY Datasheet HTML 11Page - STMicroelectronics ESDA14WY Datasheet HTML 12Page - STMicroelectronics ESDA14WY Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3.4
Placement
1. It is recommended to use leads recognition instead of package outline for accurate placement on footprint with
adequate resolution tool.
2. Tolerance of ±50 µm is recommended.
3. 1.0 N placement force is recommended. Too much placement force can lead to squeezed out solder paste
and cause solder joints to short. Too low placement force can lead to insufficient contact between package
and solder paste that could cause open solder joints or badly centered packages.
4. For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is recommended during solder
paste printing, pick and place and reflow soldering by using optimized tools.
3.5
PCB design preference
1. Any via around or inside the footprint area must be closed to avoid solderpaste migration in the via.
2. Position and dimensions of the tracks should be well balanced. A symmetrical layout is recommended to
prevent assembly troubles.
3.6
Reflow profile
Figure 24. ST ECOPACK recommended soldering reflow profile for PCB mounting
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6 °C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)
Note:
Minimize air convection currents in the reflow oven to avoid component movement. O2 rate inside the oven must
be below 500 ppm. Maximum soldering profile corresponds to the latest IPC/JEDEC J-STD-020.
ESDAxxWY
Recommendations on PCB assembly
DS14779 - Rev 1
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com