Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14WY Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA14WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14WY Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA14WY Datasheet HTML 1Page - STMicroelectronics ESDA14WY Datasheet HTML 2Page - STMicroelectronics ESDA14WY Datasheet HTML 3Page - STMicroelectronics ESDA14WY Datasheet HTML 4Page - STMicroelectronics ESDA14WY Datasheet HTML 5Page - STMicroelectronics ESDA14WY Datasheet HTML 6Page - STMicroelectronics ESDA14WY Datasheet HTML 7Page - STMicroelectronics ESDA14WY Datasheet HTML 8Page - STMicroelectronics ESDA14WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
AEC-Q101 qualified and PPAP capable
•
Dual-line unidirectional ESD and EOS protection
•
Very low leakage current at VRM (IR < 50 nA)
•
Up to 290 W peak pulse power (8/20 µs)
•
High ESD protection level: up to 30 kV
•
Fast turn-on and low clamping voltage
•
Operating Tj max: 175 °C
•
SOT 323-3L package
•
ECOPACK2 RoHS compliant component
•
Complies with the following standards:
–
J-STD-020 MSL level 1 and UL94, V0
–
IPC7531 footprint and JEDEC registered package
–
ISO 10605 - C = 150 pF, R = 330 Ω:
◦
±30 kV (air and contact discharge)
–
ISO 10605 - C = 330 pF, R = 330 Ω:
◦
±30 kV (air and contact discharge)
–
ISO 7637-3:
◦
Pulse 3a : -150 V; pulse 3b : +150 V
◦
Pulse 2a: +/- 85 V
Application
Low speed and DC automotive applications where electrostatic discharges and other
transients must be suppressed such as:
•
MCUs and integrated circuits (SBC, DSP) low speed data lines and power
lines
•
MOSFET gate protection
•
Switches and buttons
•
Audio lines
•
I2C, SPI communication bus
Description
ESDAxxWY series, automotive unidirectional transient voltage suppressor (TVS), has
been designed for use in harsh environments to protect sensitive electronics from
damage or latch-up due to electrical overstress (EOS), lightning surge and ESD
without ageing effect and performance drifts.
It can therefore advantageously replace MOV (metal oxide varistor) or MLV (multi-
layer varistor) as well as zener diodes, which are optimized for voltage regulation. It
is the right choice for high reliability and quality systems.
In addition, this product is available in a small popular SOT323-3L (Jedec SC-70)
with 2.1 mm x 2.0 mm package, ideal for space constrained applications.
Product status link
ESDA14WY, ESDA18WY
Automotive dual-line unidirectional ESD protection in SOT323
ESDAxxWY
Datasheet
DS14779 - Rev 1 - September 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ESDA14WY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2 STMICROELECTRONICS-ESDA14V2 Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA14V2 STMICROELECTRONICS-ESDA14V2 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
logo
Weitron Technology
ESDA14V2 WEITRON-ESDA14V2 Datasheet
590Kb / 3P
Dual transil arr ay for ESD protection
logo
STMicroelectronics
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
ESDA14V2-2BF STMICROELECTRONICS-ESDA14V2-2BF Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
More results

Similar Description - ESDA14WY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Vishay Siliconix
VMMBZ16C1HD1 VISHAY-VMMBZ16C1HD1 Datasheet
161Kb / 7P
Single-Line Unidirectional ESD-Protection Diode in DFN1006-2A
19-Jan-2022
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
Dual-Line Unidirectional ESD Protection Diode in SOT-23
25-Aug-2021
logo
AiT Semiconductor Inc.
ESD5Z2.5 AITSEMI-ESD5Z2.5 Datasheet
492Kb / 7P
ESD PROTECTION ESD UNIDIRECTIONAL
REV1.1
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
Unidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com