Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14WY Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA14WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14WY Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA14WY Datasheet HTML 1Page - STMicroelectronics ESDA14WY Datasheet HTML 2Page - STMicroelectronics ESDA14WY Datasheet HTML 3Page - STMicroelectronics ESDA14WY Datasheet HTML 4Page - STMicroelectronics ESDA14WY Datasheet HTML 5Page - STMicroelectronics ESDA14WY Datasheet HTML 6Page - STMicroelectronics ESDA14WY Datasheet HTML 7Page - STMicroelectronics ESDA14WY Datasheet HTML 8Page - STMicroelectronics ESDA14WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.3
Electrical characteristics
Figure 2. Electrical characteristics - parameter definitions
Maximum stand-off voltage
VRM
Maximum leakage current at VRM
IRM
Breakdownvoltage at IBR
VBR
Breakdown current
IBR
Clamping voltage at IPP
VCL
Peak pulse current
IPP
Forward voltage drop at IF
VF
Forward current
IF
Dynamic resistance
RD
Voltage temperature coefficient
αT
IPP
I
I
IBR
IRM
VF
IF
VRMVBR
VCL
V
V
Table 3. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM at VRM
VBR at IBR
8 / 20 µs(1)(2)
TLP
100 ns
CL
αT(1)(3)
VF at
IF
VCL(4)
IPP
RD
VCL
at
16 A
Max.
Min. Typ. Max.
Max.
Max. Typ.
Typ.
Typ. Max.
Max.
Max.
µA
V
V
V
V
mA
V
A
Ω
V
pF
pF
10-4/ °C
V
mA
ESDA14WY
0.05
12
14.2 15.4
16.8
1
23
13
0.41
17.5
125
150
8.7
1.2
200
ESDA18WY
0.05
16
18
19.3
20.5
1
27.7
11
0.61
21.7
95
120
8.7
1.2
200
1. Specified by design – not tested in production.
2. Measured from pin 1 to 3 or pin 2 to pin 3, in accordance with IEC 61000-4-5 (8/20 µs current waveform).
3. To calculate VBR or VCL versus junction temperature, use the following formulas:
•
VBR at TJ = VBR at 25 °C x (1 + αT x (TJ - 25))
•
VCL at TJ = VCL at 25 °C x (1 + αT x (TJ - 25)).
4. To calculate maximum clamping voltage at other surge level, use the following formula:
•
VCL max = VBR max + RD x IPPappli
Where IPPappli is the surge current in the application.
ESDAxxWY
Characteristics
DS14779 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com