Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14WY Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA14WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14WY Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA14WY Datasheet HTML 1Page - STMicroelectronics ESDA14WY Datasheet HTML 2Page - STMicroelectronics ESDA14WY Datasheet HTML 3Page - STMicroelectronics ESDA14WY Datasheet HTML 4Page - STMicroelectronics ESDA14WY Datasheet HTML 5Page - STMicroelectronics ESDA14WY Datasheet HTML 6Page - STMicroelectronics ESDA14WY Datasheet HTML 7Page - STMicroelectronics ESDA14WY Datasheet HTML 8Page - STMicroelectronics ESDA14WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.4
Characteristics (curves)
Figure 3. Peak pulse current versus clamping voltage
(8/20 µs waveform)
1
10
1
6
11
16
21
26
IPP (A)
VCL (V)
Figure 4. Peak forward current versus forward voltage
drop (8/20 µs waveform)
1
10
0.50
1.00
1.50
2.00
2.50
3.00
IPP (A)
VCL (V)
Figure 5. Junction capacitance versus reverse applied
voltage
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
C (pF)
VR (V)
ESDA14WY
ESDA18WY
Figure 6. Leakage current versus junction temperature
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
175
IR (nA)
Tj (°C)
ESDA14WY
ESDA18WY
VR = 12 V
VR = 16 V
Figure 7. TLP characteristic
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
5
10
15
20
25
I (A)
V(V)
ESDA14WY
ESDA18WY
ESDAxxWY
Characteristics
DS14779 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com