Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14WY Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14WY Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14WY Datasheet HTML 1Page - STMicroelectronics ESDA14WY Datasheet HTML 2Page - STMicroelectronics ESDA14WY Datasheet HTML 3Page - STMicroelectronics ESDA14WY Datasheet HTML 4Page - STMicroelectronics ESDA14WY Datasheet HTML 5Page - STMicroelectronics ESDA14WY Datasheet HTML 6Page - STMicroelectronics ESDA14WY Datasheet HTML 7Page - STMicroelectronics ESDA14WY Datasheet HTML 8Page - STMicroelectronics ESDA14WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
1.1
Pin configuration and function
Table 1. ESDAxxWY series pin description
Pin #
Type
Description
1
I/O1
ESD protection cathode 1
2
I/O2
ESD protection cathode 2
3
GND
Common anode
Figure 1. ESDAxxWY series pinout (top view)
1.2
Absolute maximum ratings
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VESD
Electrostatic discharge
ISO 10605 - C = 150 pF, R = 330 Ω:
Contact discharge
Air discharge
±30
±30
kV
ISO 10605 - C = 330 pF, R = 330 Ω:
Contact discharge
Air discharge
±30
±30
PPP
Peak pulse power
IEC 61000-4-5 (2 Ω) – tp = 8/20 μs
ESDA14WY
250
W
ESDA18WY
290
IPP
Peak pulse current
IEC 61000-4-5 (2 Ω) – tp = 8/20 μs
ESDA14WY
13
A
ESDA18WY
11
Tj
Operating junction temperature range
-55 to +175
°C
Tstg
Storage temperature range
-65 to +175
TL
Maximum lead temperature for soldering during 10 s
260
ESDAxxWY
Characteristics
DS14779 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com