Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W137HT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # W137HT
Description  FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W137HT Datasheet(HTML) 1 Page - SpectraLinear Inc

  W137HT Datasheet HTML 1Page - SpectraLinear Inc W137HT Datasheet HTML 2Page - SpectraLinear Inc W137HT Datasheet HTML 3Page - SpectraLinear Inc W137HT Datasheet HTML 4Page - SpectraLinear Inc W137HT Datasheet HTML 5Page - SpectraLinear Inc W137HT Datasheet HTML 6Page - SpectraLinear Inc W137HT Datasheet HTML 7Page - SpectraLinear Inc W137HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FTG for Mobile 440BX & Transmeta’s Crusoe CPU
W137
Rev 1.0, November 24, 2006
Page 1 of 8
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum Technology
• Two copies of CPU output
• Six copies of PCI output (Synchronous w/CPU output)
• One 48-MHz output for USB support
• One selectable 24 /48 MHz output
• Two Buffered copies of 14.318 MHz input reference
signal
• Supports 100 MHz or 66 MHz CPU operation
• Power management control input pins
• Available in 28-pin SSOP (209 mils) and 28-pin TSSO
(173 mils)
• SS function can be disabled
• See W40S11-02 for 2 SDRAM DIMM support
Key Specifications
Supply Voltages:........................................ VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU0:1 Output to Output Skew: ................................. 175 ps
CPU0:1 Cycle to Cycle Jitter: ..................................... 200 ps
PCI_F, PCI1:5 Output to Output Skew:....................... 500 ps
PCI_F, PCI1:5 Cycle to Cycle Jitter: .......................... 250 ps
CPU to PCI Output Skew:................1.5–4.0 ns (CPU Leads)
Output Duty Cycle:..................................................... 45/55%
PCI_F, PCI Edge Rate: .............................................. >1 V/ns
CPU_STOP#,
OE,
SPREAD#,
SEL48#,
PCI_STOP#,
PWR_DWN# all have a 250-kW pull-up resistor.
Table 1. Pin Selectable Frequency
SEL100/66#
OE
CPU
PCI
Spread%
0/1
0
Hi-Z
Hi-Z
Don’t Care
0
1
66.6 MHz
33.3
See Table 2
1
1
100 MHz
33.3
See Table 2
Table 2. Spread Spectrum Feature
SPREAD#
Spread Profile
0
–0.5% (down spread)
1
0% (spread disabled)
<adjust the size of the anchored frame as
per requirement>
Block Diagram
Pin Configuration


Similar Part No. - W137HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W137 CYPRESS-W137 Datasheet
174Kb / 10P
Bx Notebook System Frequency Synthesizer
October 12, 1999
More results

Similar Description - W137HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W196 CYPRESS-W196 Datasheet
138Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 28, 1999, rev
W216 CYPRESS-W216 Datasheet
154Kb / 14P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 27, 1999, rev
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
FTG for Intel Pentium 4 CPU and Chipsets
W211B CYPRESS-W211B Datasheet
174Kb / 16P
FTG for 440BX, VIA Apollo Pro-133, and ProMedia
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
FTG for Intel Pentium 4 CPU and Chipsets
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
AAEON Technology
GENE-6330 AAEON-GENE-6330 Datasheet
1Mb / 1P
Onboard Transmeta Crusoe TM5800??Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com