Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W137HT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # W137HT
Description  FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W137HT Datasheet(HTML) 8 Page - SpectraLinear Inc

  W137HT Datasheet HTML 1Page - SpectraLinear Inc W137HT Datasheet HTML 2Page - SpectraLinear Inc W137HT Datasheet HTML 3Page - SpectraLinear Inc W137HT Datasheet HTML 4Page - SpectraLinear Inc W137HT Datasheet HTML 5Page - SpectraLinear Inc W137HT Datasheet HTML 6Page - SpectraLinear Inc W137HT Datasheet HTML 7Page - SpectraLinear Inc W137HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.0, November 24, 2006
Page 8 of 8
W137
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Ordering Information
Part Number
Type
Production Flow
W137H
28-pin SSOP
Commercial, 0 to 70°C
W137HT
28-pin SSOP -Tape and Reel
Commercial, 0 to 70°C
Lead-Free
CYW137OXC
28-pin SSOP
Commercial, 0 to 70°C
CYW137OXCT
28-pin SSOP -Tape and Reel
Commercial, 0 to 70°C
Package Diagrams
28-Lead (5.3 mm) Shrunk Small Outline Package O28
1.14 DIA.
1.14
1.14
10.00
PIN 1 ID.
10.40
0.65 BSC.
0.22
2.00
0.05
0.38
MAX.
0.21
1.65
0.25
0.55
1.85
0.95
GAUGE PLANE
SEATING PLANE
7.50
8.10
0° MIN.
0°-8°
.235 MIN.
DIMENSIONS IN MILLIMETERS MIN.
MAX.
1
14
15
28
0.10
5.00
5.60
1.25 REF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com