Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W137HT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # W137HT
Description  FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W137HT Datasheet(HTML) 6 Page - SpectraLinear Inc

  W137HT Datasheet HTML 1Page - SpectraLinear Inc W137HT Datasheet HTML 2Page - SpectraLinear Inc W137HT Datasheet HTML 3Page - SpectraLinear Inc W137HT Datasheet HTML 4Page - SpectraLinear Inc W137HT Datasheet HTML 5Page - SpectraLinear Inc W137HT Datasheet HTML 6Page - SpectraLinear Inc W137HT Datasheet HTML 7Page - SpectraLinear Inc W137HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
W137
Rev 1.0, November 24, 2006
Page 6 of 8
AC Electrical Characteristics
TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%; fXTL = 14.31818 MHz
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output.
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7
nH
DC Electrical Characteristics: (continued)
TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%; CPU0:1 = 66.6/100 MHz
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Notes:
4. The W137 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is 14 pF;
this includes typical stray capacitance of short PCB traces to crystal.
5. X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
CPU Clock Outputs, CPU0:1 (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6 MHz
CPU = 100 MHz
Unit
Min.
Typ. Max.
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.25V
15
15.5
10
10.5
ns
tH
High Time
Duration of clock cycle above 2.0V
5.2
3.0
ns
tL
Low Time
Duration of clock cycle below 0.4V
5.0
2.8
ns
tR
Output Rise Edge Rate Measured from 0.4V to 2.0V
1
4
1
4
V/ns
tF
Output Fall Edge Rate Measured from 2.0V to 0.4V
1
4
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.25V
45
55
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.25V.
Maximum difference of cycle time
between two adjacent cycles.
200
200
ps
tSK
Output Skew
Measured on rising edge at 1.25V
175
175
ps
fST
Frequency Stabili-
zation from Power-up
(cold start)
Assumes full supply voltage reached
within 1 ms from power-up. Short cycles
exist prior to frequency stabilization.
3
3
ms
Zo
AC Output Impedance Average value during switching
transition. Used for determining series
termination value.
13.5
13.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com