Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W137HT Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # W137HT
Description  FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W137HT Datasheet(HTML) 5 Page - SpectraLinear Inc

  W137HT Datasheet HTML 1Page - SpectraLinear Inc W137HT Datasheet HTML 2Page - SpectraLinear Inc W137HT Datasheet HTML 3Page - SpectraLinear Inc W137HT Datasheet HTML 4Page - SpectraLinear Inc W137HT Datasheet HTML 5Page - SpectraLinear Inc W137HT Datasheet HTML 6Page - SpectraLinear Inc W137HT Datasheet HTML 7Page - SpectraLinear Inc W137HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
W137
Rev 1.0, November 24, 2006
Page 5 of 8
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
Notes:
1. All clock outputs loaded with 6" 60
transmission lines with 20-pF capacitors.
2. CPU_STOP#, PCI_STOP#, PWR_DWN#, SPREAD#, and SEL48# logic inputs have internal pull-up resistors (not CMOS level).
3. X1 input threshold voltage (typical) is VDD/2.
DC Electrical Characteristics:
TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%; CPU0:1 = 66.6/100 MHz
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD3PD
3.3V Supply Current in Power-down mode
PWR_DWN# = 0
1
5
mA
IDD3
3.3V Supply Current
Outputs Loaded[1]
80
100
mA
IDD2
2.5V Supply Current
Outputs Loaded[1]
30
45
mA
IDD2PD
2.5V Supply Current in Power-down mode
PWR_DWN# = 0
0.2 µA
1
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[2]
–25
µA
IIH
Input High Current[2]
10
µA
IIL
Input Low Current (SEL100/66#)
–5
µA
IIH
Input High Current (SEL100/66#)
+5
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
PCI_F, PCI1:5,
REF0:1
IOH = –1 mA
3.1
V
VOH
Output High Voltage
CPU0:1
IOH = –1 mA
2.2
V
IOL
Output Low Current:
CPU0:1
VOL = 1.25V
80
120
180
mA
PCI_F, PCI1:5
VOL = 1.5V
70
110
140
mA
REF0:1
VOL = 1.5V
50
70
90
mA
IOH
Output High Current
CPU0:1
VOH = 1.25V
80
120
180
mA
PCI_F, PCI1:5
VOH = 1.5V
70
110
140
mA
REF0:1
VOH = 1.5V
50
70
90
mA
Crystal Oscillator
VTH
X1 Input Threshold Voltage[3]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, As Seen by External Crystal[4]
14
pF
CIN,X1
X1 Input Capacitance[5]
Pin X2 unconnected
28
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com