Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W137HT Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W137HT
Description  FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W137HT Datasheet(HTML) 7 Page - SpectraLinear Inc

  W137HT Datasheet HTML 1Page - SpectraLinear Inc W137HT Datasheet HTML 2Page - SpectraLinear Inc W137HT Datasheet HTML 3Page - SpectraLinear Inc W137HT Datasheet HTML 4Page - SpectraLinear Inc W137HT Datasheet HTML 5Page - SpectraLinear Inc W137HT Datasheet HTML 6Page - SpectraLinear Inc W137HT Datasheet HTML 7Page - SpectraLinear Inc W137HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
W137
Rev 1.0, November 24, 2006
Page 7 of 8
PCI Clock Outputs, PCI1:5 and PCI_F (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
30
ns
tH
High Time
Duration of clock cycle above 2.4V
12.0
ns
tL
Low Time
Duration of clock cycle below 0.4V
12.0
ns
tR
Output Rise Edge Rate Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum difference
of cycle time between two adjacent cycles.
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Offset Covers all CPU/PCI outputs. Measured on rising edge
at 1.5V. CPU leads PCI output.
1.5
4.0
ns
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
3
ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
20
REF0:1 Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Max.
Typ.
f
Frequency, Actual
Determined by crystal oscillator frequency
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to
frequency stabilization.
3
ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
48 MHz and 24 MHz Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see n/m below)
48.008
24.004
MHz
fD
Deviation from 48 MHz
(48.008 – 48)/48
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
57/17, 57/34
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to frequency
stabilization.
3
ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com