Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-7
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1064-3
3
10643fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, 75:1, fCLK = 2MHz, R1 = 10k, TTL or CMOS clock input level
unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output DC Offset
VS = ±7.5V
± 30
±150
mV
Output DC Offset TempCo
VS = ±5V
± 20
µV/°C
VS = ±7.5V
±50
µV/°C
Input Impedance
14
22
kΩ
Output Impedance
fOUT = 10kHz
2
Ω
Output Short-Circuit Current
Source/Sink
3/1
mA
Clock Feedthrough
200
µVRMS
Maximum Clock Frequency
VS ≥ ±7V, 50% Duty Cycle
5
MHz
VS ≥ ±7V, 50% Duty Cycle, TA = <55°C7
MHz
Power Supply Current
VS = ±2.37V, fCLK = 1MHz
●
10
22
mA
VS = ±5V, fCLK = 1MHz
12
23
mA
●
26
mA
VS = ±7.5V, fCLK = 1MHz
16
28
mA
●
32
mA
Power Supply Voltage Range
●
±2.37
±8V
Gain vs Frequency
Phase vs Frequency
Group Delay
FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 G01
VS = ±7.5V
TA = 25°C
fCLK = 2MHz
f–3dB = 26.67kHz
fCLK = 7MHz
f–3dB = 95kHz
fCLK = 5MHz
f–3dB = 66.67kHz
FREQUENCY (kHz)
06
–45
0
45
90
135
180
225
270
315
360
405
450
10 12 14 16 18 20 22
1064 G02
24
8
VS = ±7.5V
TA = 25°C
fCLK = 750kHz
f–3dB = 10kHz
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
20
10
0
1064 G03
VS = ±7.5V
TA = 25°C
06
10 12 14 16 18 20 22
24
8
fCLK = 750kHz, f–3dB = 10kHz
fCLK = 2MHz, f–3dB = 26.67kHz
fCLK = 5MHz, f–3dB = 66.67kHz
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com