Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-7
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-7 Datasheet HTML 1Page - Analog Devices LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1064-3
4
10643fa
Transient Response
Input 10VP-P Square Wave
VS = ±7.5V, Pin 10 to V+,
fCLK = 1.5MHz
Table 1. Wideband Noise (µVRMS)
Phase Matching
Total Harmonic Distortion
Power Supply Current vs Power
Supply Voltage
VS = ±2.37V
VS = ±5V
VS = ±7.5V
Noise
Noise
Noise
Pin 10 to
fCLK/f–3dB
µVRMS
µVRMS
µVRMS
V+
75/1
50
55
60
V–
150/1
52
58
62
GND
120/1
45
50
54
FREQUENCY (kHz)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1064 G04
06
10 12 14 16 18 20 22
24
8
VS = ±7.5V
fCLK = 1.5MHz
f–3dB = 20kHz
50 UNIT SAMPLE (TA = 25°C TO 125°C)
INPUT LEVELS (VRMS)
0.1
0.01
0.1
1.0
110
1064 G05
VS = ±7.5V
VS = ±5V
VS = ±2.37V
fCLK = 1.5MHz, 75:1
f–3dB = 20kHz
TOTAL POWER SUPPLY VOLTAGE (V)
02
6
10
1418
22
48
44
40
36
32
28
24
20
16
12
8
4
0
48
12
16
1064 G06
20
24
fCLK = 1MHz
TA = –55°C
TA = 25°C
TA = 125°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com