Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1069-7
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices LTC1069-7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1064-3
8
10643fa
Figure 3. Single Supply Operation. If Fast Power Up
or Down Transients are Expected, Use a 1N5817
Schottky Diode Between Pin 4 and Pin 5
Figure 4. Level Shifting the Input T2L Clock
for Single Supply Operation ≥6V
Figure 5. Adding an Output Buffer-Filter to Eliminate Any Clock
Feedthrough. Passband ±0.1dB to 50kHz, –3dB at 94kHz
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+= 15V
fCLK
0V TO 10V
1064-3 F03
0.1µF
0.1µF
5k
5k
V+/2
OUT C
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
VIN
VOUT
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
V+/GND/V–
V–
1064-3 F05
0.1µF
0.1µF
VOUT
–
+
LT1056
200pF
430pF
10k
4.99k
4.99k
50Ω
0.027µF
OUT C
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
VIN
Figure 1. Buffering the Filter Output. The Buffer Op Amp
Should Not Share the LTC1064-3 Power Lines
Figure 2. Using Schottky Diodes to Protect
the IC from Power Supply Reversal
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VOUT
–
+
V–
V+
POWER SOURCE
10k
10k
1064-3 F01
RECOMMENDED OP AMPS:
LT1022, LT318, LT1056
V+/V–
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
OUT C
VIN
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
V–
1064-3 F02
0.1µF
0.1µF
1N5817
1N5817
OUT C
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
VIN
VOUT
TYPICAL APPLICATIO S
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
1064-3 F04
0.1µF
5k
2.2k
5k
5k
1µF
T2L
LEVEL
V+
RATIO
OUT C
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com