Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1069-7
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices LTC1069-7 Datasheet HTML 11Page - Analog Devices LTC1069-7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1064-3
12
10643fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 1989
LW/TP 1202 1K REV A • PRINTED IN USA
LTC1064-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1064-3 F06
f–3dB =
fCLK
110
f–3dB =
fCLK
55
OUT C
NC
V–
fCLK
75/150
VOUT
NC
NC
VIN
AGND
V+
AGND
NC
INV A
7.5V
fCLK = 1MHz
0.1µF
0.1µF
VIN2
VIN1
VOUT1:
VOUT2:
–7.5V
Figure 6. Dual 4th Order Bessel Filters. VS = ±7.5V,
fCLK = 1MHz, Pin 10 to GND. f–3dB = 9kHz and 18kHz
Amplitude Response
PART NUMBER
DESCRIPTION
COMMENTS
LTC1069-7
8th Order Linear Phase Lowpass
S0-8 Package
LTC1563
Active RC, 4th Order Bessel Lowpass
Continuous Time, Resistor Programmable Cutoff
LTC1569-6
DC Accurate, 10th Order Lowpass
Linear Phase, Internal Precision Clock, S0-8 Package
LTC1569-7
DC Accurate, 10th Order Lowpass
Linear Phase, Internal Precision Clock, S0-8 Package
TYPICAL APPLICATIO S
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com