Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-7
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-7 Datasheet HTML 2Page - Analog Devices LTC1069-7 Datasheet HTML 3Page - Analog Devices LTC1069-7 Datasheet HTML 4Page - Analog Devices LTC1069-7 Datasheet HTML 5Page - Analog Devices LTC1069-7 Datasheet HTML 6Page - Analog Devices LTC1069-7 Datasheet HTML 7Page - Analog Devices LTC1069-7 Datasheet HTML 8Page - Analog Devices LTC1069-7 Datasheet HTML 9Page - Analog Devices LTC1069-7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1064-3
6
10643fa
Table 6. Gain/Phase, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 120kHz, Pin 10 at GND (fltr 120:1)
Table 7. Gain/Delay, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 120kHz, Pin 10 at GND (fltr 120:1)
FREQUENCY (kHz)
GAIN (dB)
DELAY (ms)
0.200
–0.354
0.458
0.300
–0.520
0.456
0.400
–0.730
0.454
0.500
–1.000
0.452
0.600
–1.320
0.449
0.700
–1.670
0.448
0.800
–2.090
0.446
0.900
–2.540
0.446
1.000
–3.050
0.445
1.100
–3.600
0.446
1.200
–4.220
0.449
1.300
–4.900
0.448
1.400
–5.670
0.447
1.500
–6.520
0.446
1.600
–7.470
0.441
1.700
–8.500
0.432
1.800
–9.650
0.422
1.900
–10.870
0.409
2.000
–12.180
0.395
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
0.500
–0.994d
–82.210
1.000
–3.050
–162.800
1.500
–6.520
116.700
2.000
–12.180
40.200
2.500
–19.460
–23.600
3.000
–27.200
–74.000
3.500
–34.700
–114.200
4.000
–41.900
–146.800
4.500
–48.700
–173.300
5.000
–55.100
164.700
5.500
–60.900
145.800
6.000
–66.500
130.610
6.500
–71.660
117.130
7.000
–76.390
105.880
7.500
–80.910
96.140
8.000
–84.900
87.510
8.500
–88.750
81.380
9.000
–92.410
78.190
9.500
–98.290
52.860
TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
10.000
–0.912
–92.270
20.000
–3.090
176.000
30.000
–6.910
85.500
40.000
–12.710
–1.200
50.000
–20.500
–77.800
60.000
–29.400
–138.700
70.000
–38.300
174.600
80.000
–46.500
138.300
90.000
–54.000
109.100
100.000
–61.000
84.800
110.000
–67.310
64.040
120.000
–73.170
46.260
130.000
–78.600
31.120
140.000
–83.760
18.050
150.000
–88.630
7.770
TA = 125°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
10.000
–0.944
–92.880
20.000
–3.170
175.500
30.000
–6.910
85.700
40.000
–12.450
–0.600
50.000
–19.920
–78.000
60.000
–28.500
–140.700
70.000
–37.200
170.500
80.000
–45.300
132.200
90.000
–52.700
100.900
100.000
–59.600
74.900
110.000
–65.900
52.600
120.000
–71.750
32.850
130.000
–77.170
15.840
140.000
–82.370
1.130
150.000
–87.400
–11.380
Table 8. Gain/Phase, f–3dB = 20kHz, LTC1064-3 Typical
Response VS = ±7.5V, fCLK = 1.5MHz, Pin 10 at V
+(fltr 75:1)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com