Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7202AL Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # MS7202AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7202AL Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button MS7202AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 9Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 10Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
Width Expansion Mode
Word width may be expanded by connecting the
corresponding control input signals of multiple
devices together. The EMPTY, HALF FULL and
FULL FLAGS (
EE, HF and FF) can be detected by
any particular device. Figure 4 shows an 18 bit wide
configuration using two devices. They may be
configured to any word width in this manner.
Figure 4. Width Expansion Mode
NOTES:
Flag detection is accomplished by monitoring the
EF, HF and EF pins on the device used in
the Width Expansion Mode. Do not connect output control signals together.
DATA IN
WRITE
READ
FULL FLAG
RESET
(W)
(D)
(FF)
(RS)
(R)
(Q)
(EF)
(RT)
MS
7201A
BITS
0-8
MS
7201A
BITS
9-17
DATA OUT
XI
9
9
9
9
18
18
EMPTY FLAG
XI
RETRANSMIT
(HF) HALF FULL FLAG
HALF FULL FLAG (HF)
Depth Expansion (Daisy Chain) Mode
Word depths may be expanded in multiples of
512 words by Daisy Chaining the devices together
as follows:
1. The FIRST LOAD (
FL) control signal of the first
device must be grounded. This FIFO repre-
sents word 1-512.
2. All other devices in the Daisy Chain must have
the FIRST LOAD (
FL) control signal tied to V
CC
in the inactive-high state.
3. The EXPANSION OUT (
XO) pin of each device
must be connected to the EXPANSION IN (
XI)
pin of the next device as shown in Figure 5.
4. External logic is required to generate a com-
mon FULL FLAG (
FF) and EMPTY FLAG (EF)
signal by ORing all of the
FFs together and
ORing all of the
EFs together.
5. The RETRANSMIT (
RT) fuction and HALF
FULL FLAG (
HF) are not available in Daisy
Chain Mode.
W
MS
7201
WORDS
1025-
1536
FF
EF
XO
MS
7201
WORDS
1513-
1024
FF
EF
XO
MS
7201
WORDS
1-512
FF
EF
XO
XI
XI
XI
FL
FL
FL
RS
FULL
D
Q
EMPTY
VCC
R
9
9
9
9
9
Figure 5. Diagram of a 1536 x 9 FIFO in Depth Expansion Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com