Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7202AL Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # MS7202AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7202AL Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button MS7202AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 9Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 10Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
RA
EFA
WB
FFB
WA
FFA
RB
EFB
SYSTEM A
SYSTEM B
MS7201
MS7201
DB
QA 0-8
QB 0-8
DA 0-8
HFB
HFA
Figure 6. BiDirectional FIFO Mode
Bidirectional Mode
Data buffering between two systems can be
achieved by pairing two FIFO arrays as shown in
Figure 6. This allows each system to READ and
WRITE shared data. The FULL FLAG (
FF) must be
monitored on the FIFO where WRITE ENABLE (
W)
is used and the EMPTY FLAG (
EF) must be
monitored on the FIFO where READ ENABLE (
R) is
used. Both Width Expansion and Depth Expansion
Modes may be used in combination with
Bidirectional Mode.
Compound Expansion Mode:
Both Width Expansion Mode and Depth
Expansion (Daisy Chain) Mode can be used
together to configure a large FIFO array (See
Figure 4 and 5).
Ordering Information
Speed (ns)
Ordering Part Number
Package
Temperature
Range
25
MS7201AL-25PC MS7202AL-25PC
28 Pin Plastic DIP - 600 mil
0
°C to +70°C
25
MS7200-25NC
MS7201AL-25NC MS7202AL-25NC
28 Pin Plastic DIP - 300 mil
0
°C to +70°C
25
MS7200-25JC
MS7201AL-25JC
MS7202AL-25JC
32 Pin Plastic PLCC
0
°C to +70°C
25
MS7200-25FC
MS7201AL-25FC
MS7202AL-25FC
28 Pin Small Outline - 330 mil
0
°C to +70°C
35
MS7201AL-35PC MS7202AL-35PC
28 Pin Plastic DIP - 600 mil
0
°C to +70°C
35
MS7200-35NC
MS7201AL-35NC MS7202AL-35NC
28 Pin Plastic DIP - 300 mil
0
°C to +70°C
35
MS7200-35JC
MS7201AL-35JC
MS7202AL-35JC
32 Pin Plastic PLCC
0
°C to +70°C
35
MS7200-35FC
MS7201AL-35FC
MS7202AL-35FC
28 Pin Small Outline - 330 mil
0
°C to +70°C
50
MS7201AL-50PC MS7202AL-50PC
28 Pin Plastic DIP - 600 mil
0
°C to +70°C
50
MS7200-50NC
MS7201AL-50NC MS7202AL-50NC
28 Pin Plastic DIP - 300 mil
0
°C to +70°C
50
MS7200-50JC
MS7201AL-50JC
MS7202AL-50JC
32 Pin Plastic PLCC
0
°C to +70°C
50
MS7200-50FC
MS7201AL-50FC
MS7202AL-50FC
28 Pin Small Outline - 330 mil
0
°C to +70°C
80
MS7201AL-80PC MS7202AL-80PC
28 Pin Plastic DIP - 600 mil
0
°C to +70°C
80
MS7200-80NC
MS7201AL-80NC MS7202AL-80NC
28 Pin Plastic DIP - 300 mil
0
°C to +70°C
80
MS7200-80JC
MS7201AL-80JC
MS7202AL-80JC
32 Pin Plastic PLCC
0
°C to +70°C
80
MS7200-80FC
MS7201AL-80FC
MS7202AL-80FC
28 Pin Small Outline - 330 mil
0
°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com