Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7202AL Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MS7202AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7202AL Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MS7202AL Datasheet HTML 1Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 2Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
Signal Descriptions
INPUTS:
Data In (D0 - D8)
These data inputs accept 9-bit data words for
sequential storage in the FIFO during write
operations.
CONTROLS:
Reset (
RS)
The reset input is active LOW. When asserted,
the device is asynchronously reset, and both the
read and write internal pointers are set to the first
location in the FIFO. A Reset is required after
power-up before a write operation can occur. Both
Read Enable (
R) and Write Enable (W) must be
HIGH during Reset.
Read Enable (
R)
The read enable input is active LOW. As long as
the Empty Flag (
EF) is not set, the read cycle is
started on the falling edge of this signal. The data is
accessed on a First-In/First-Out basis, independent
of any write activity, and is presented on the Data
Output pins (Q0 - Q8). When
R goes HIGH the Data
Output pins return to the high impedance state, and
the read pointer is incremented. When the FIFO is
empty or all of the data has been read, the Empty
Flag will be set and further read operations are
inhibited until a valid write operation has been
performed.
Write Enable (
W)
The write enable input is active LOW. As long as
the Full Flag (
FF) is not set, the write cycle is started
on the falling edge of this signal. The data present
on the Data Input pins (D0 - D8) is stored
sequentially, independent of any read activity.
When
W goes HIGH the write cycle is terminated
and the write pointer is incremented. When the
maximum capacity of the FIFO has been reached
the Full Flag will be set, and further write operations
are inhibited until a valid read operation has been
performed.
Expansion In (
XI)
This input pin serves two purposes. When
grounded, it indicates that the device is being
operated in the single device mode. In Depth
Expansion mode, this pin is connected to the
Expansion Out Output (
XO) of the previous device.
First Load/Retransmit (
FL/RT)
This is a dual-purpose input. In single device
mode (when Expansion In (
XI) is grounded) this pin
acts as the retransmit input. A LOW pulse on this
will reset the read pointer to the first memory
location of the FIFO. The write pointer is unaffected.
Both the read enable (
R) and write enable (W)
inputs must remain HIGH during the retransmit
cycle.
In Depth Expansion mode this pin acts as a first
load indicator. It must be grounded on the first
device in the chain to indicate which device is the
first to receive data.
OUTPUTS:
Data Output (Q0 - Q8)
A 9 bit data word from the FIFO is output on these
pins during read operations. They are in the high
impedance state whenever
R is HIGH.
Empty Flag (
EF)
This output is active LOW. When all of the data
has been read from the FIFO (defined as when the
Read pointer is one location behind the Write
pointer) this flag will be set. The Data Output pins
will be forced into the high impedance state, and all
further read operations will be inhibited until a valid
write operation has been performed (which will
reset this flag).
Full Flag (
FF)
This output is active LOW. To prevent data
overflow, when the maximum capacity of the FIFO
has been reached (defined as when the Write
pointer is one location behind the Read pointer) this
flag will be set. All further write operations will be
inhibited until a valid read operation has been
performed (which will reset this flag).
Expansion Out/Half Full Flag (
XO/HF)
This dual-purpose output is active LOW. In single
device mode (when Expansion In (
XI) is grounded)
this flag will be set at the falling edge of the next
write operation after the FIFO has reached one-half
of its maximum capacity. This flag will remain set as
long as the difference between the read pointer and
the write pointer is greater than one-half of the
maximum capacity of the FIFO.
In Depth Expansion mode, this output is
connected to the Expansion In Input of the next
device in the chain. The Expansion Out pin
provides a pulse to the next device in the chain
when the last memory location has been reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com