Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7202AL Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MS7202AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7202AL Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MS7202AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 9Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 10Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
Timing Waveforms
EXPANSION IN
EXPANSION OUT
R
W
XI
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
t XIS
t XIS
t XI
t XIR
R
W
READ FROM
LAST PHYSICAL
LOCATION
t XOL
WRITE TO
LAST PHYSICAL
LOCATION
t XOL
t XOH
t XOH
XO
(Note: The7201A Lis used as example - these
figures apply to all three devices, MS7200L/
7201AL/7202AL
Operating Modes:
Single Device Mode
When one MS7201AL is used standalone in
Single Device Mode, the Expansion In (
XI) control
input pin must be grounded. See Figure 3.
DATA IN
DATA OUT
WRITE
READ
FULL FLAG
EMPTY FLAG
RESET
RETRANSMIT
MS
7201A
(W)
(D0-D8)
(FF)
(RS)
(R)
(Q0-Q8)
(EF)
(RT)
EXPANSION IN XI
HALF FULL FLAG (HF)
Figure 3. Single Device Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com