Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7202AL Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # MS7202AL
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7202AL Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MS7202AL Datasheet HTML 1Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 2Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 3Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 4Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 5Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 6Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 7Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 8Page - Mosel Vitelic, Corp MS7202AL Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
INCLUDING
JIG AND
SCOPE
Figure 1a
30pF
R2
255
Ω
R1 480
Ω
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
5pF
R2
255
Ω
R1 480
Ω
5V
OUTPUT
Figure 1b
167
Ω
OUTPUT
THEVENIN EQUIVALENT
Equivalent to:
ALL INPUT PULSES
90%
90%
10%
10%
5 ns
5 ns
GND
3.0V
1.73V
Figure 2
AC Test Conditions
Key to Switching Waveforms
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGING
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGING
FROM L TO H
DON'T CARE:
ANY CHANGE
PERMITTED
CHANGING:
STATE
UNKNOWN
DOES NOT
APPLY
CENTER
LINE IS HIGH
IMPEDANCE
"OFF" STATE
AC Test Loads and Waveforms
Timing Waveforms
Input Pulse Levels
0V~ 3.0V
Input Rise and Fall Times
5 ns
Timing Reference Level
1.5V
RS
t RS
t RSS
t RSC
t EFL
t RSR
t HFH,tFFH
t RSS
W
EF
HF, FF
R
RESET
Q0-Q8
t RC
t A
t RPW
t RR
t RLZ
t DV
t RHZ
t A
READ
DATA VALID
READ
DATA VALID
R
ASYNCHRONOUS READ OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com