Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6374
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
fact, with a purely resistive load connected to Vs/2
no parasitic elements interfere significantly.
The waveform can be significantly less easy to in-
terpret if the load has not the perfect symmetry of
that case, as showed below. For instance, it is
enough to connect the resistive load to ground, or
to Vs – as figure 5 and 6 – show to hide some of
the switching phases described.
If the load is connected to ground, the waveform
stays stuck to ground as long as the output stage
is in high impedance; viceversa when the load is
connected to Vs the waveform will linger close to
the supply voltage as long as possible.
If an output load made of an inductor and a resis-
tor in series is used, the inductive kick at the be-
ginning of every output transition generates the
equivalent effect of an ”anticipated” switching
when the inductor can discharge; while the
switching looks ”delayed” if the output transition
tends to initiate a charging phase (see figure 7).
With a load almost free from parasitic elements,
the waveforms resemble the ones of the purely
resistive cases.
With a real, more composite load, the effect of the
inductive kick in comparison to the resistive load,
would be more apparent.
With a capacitor and a resistor in parallel as a
load, another type of waveform can be seen (re-
ported in figure 8).
As long as the output stage stays in the transient
high impedance state, the output voltage will fol-
low the classic exponential law of an RC relaxa-
tion.
As soon as the other transistor is switched on and
takes charge, the waveform is quickly
forcibly
brought to its steady state value.
From the above it is possible to see how the
switching times, inherently very fast, of the output
stages, may be difficult to identify in a waveform if
the output load is not accurately taken into con-
sideration.
Figure 9 show typical switching waveform for in-
puts and outputs.
Figure 5: VS = 35V, 350
Ω connected to ground.
L6374
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com