Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6374
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 3 Page - STMicroelectronics

  L6374 Datasheet HTML 1Page - STMicroelectronics L6374 Datasheet HTML 2Page - STMicroelectronics L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (VS = 24V; Tj = -25 to 125
°C; unless otherwise specified.)
DC OPERATION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
1
Supply Voltage
10.8
35
V
Vsh
UV UpperThreshold
9
10.8
V
Hys1
UV Hysteresis
250
450
650
mV
Iqsc
Quiescent Current
Outputs Open
3
5
mA
Vref
11
Input Comparators Reference
Voltage
Reference pin Floating
1.05
1.25
1.35
V
Iref
Sink/Source Current on
Reference Pin
Vref = 0V
-30
-20
-10
µA
Vref =5V
10
20
30
µA
Vth
7, 8,
9, 10
Comparator Threshold with
External Bias
VS = 9 to 12V
-0.2
2.0
V
VS = 12 to 35V
-0.2
5.0
V
Vil
Input Low Level
VREF Externally Biased
-7
VREF
-0.2
V
Pin VREF Floating
-7
0.8
V
Vih
Input High Level
VREF Externally Biased
VREF
+0.2
35
V
Pin VREF Floating
2
35
V
Vi
Input Voltage (Operative Range)
-7
35
V
Ibias
Input Bias Current
0 < Vi <VS
-1
1
µA
Vi = -7V
-1
-0.5
-0.1
mA
Hys2
Input Comparators Hysteresis
See Analog Inputs Sections
100
200
350
mV
Th
OVT Upper Threshold
170
°C
HT
OVT Hysteresis
20
°C
Isc
3, 4,
17, 18
Current Limit
Vi =-7 to VS;Vout = 0 to VS;
110
200
300
mA
Von
Internal Voltage Drop @ Rated
Current
Iout =
±100mA; Sourced @ High
Output, Sunk @ Low Output
Tj = 125
°C
400
600
mV
Same, Tj =25
°C
250
400
mV
Ilkg
Output 3-State Leakage Current
Vout = 0 to VS
-25
25
µA
Vin
12
Push-Pull Mode Request
-0.2
0.8
V
3-State Mode Request
2
5.5
V
Iin
Input Current
Vi =0V
10
25
µA
Idlkg
14
Diagnostic Output Leakage
Diagnostic Off; Vdiag = 24V
5
µA
Vdiag
Diagnostic Output Voltage Drop
Idiag =5mA
200
500
mV
AC OPERATION (VS = 10.8 to 35V; Tj = -25 to 125
°C; Iout = 100mA; unless otherwise specified; see
switching waveforms diagrams)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tdr
7to 4
8to 3
9 to18
10to17
Delay Time on Rising Edge
Rl to ground
1000
1500
ns
Rl to VS
500
1000
ns
tdf
Delay Time on Falling Edge
Rl to ground
500
1000
ns
Rl to VS
1000
1500
ns
tr
3, 4,
17, 18
Rise Time
Rl to ground
120
250
ns
Rl to VS
120
250
ns
tf
Fall Time
Rl to ground
150
300
ns
Rl to VS
150
300
ns
L6374
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com