Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6374
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 4 Page - STMicroelectronics

  L6374 Datasheet HTML 1Page - STMicroelectronics L6374 Datasheet HTML 2Page - STMicroelectronics L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
THERMAL CHARACTERISTICS
Rth j-pins
POWERDIP. The thermal resistance is referred
to the thermal path from the dissipating region
on the top surface of the silicon chip, to the
points along the four central pins of the pack-
age, at a distance of 1.5 mm away from the
stand-offs.
SO. Similarly, the reference point is the knee
on the four central pins, where the pins are up-
wardly bent and the soldering joint with the
PCB footprint can be made.
Rth j-amb1
If a dissipating surface, thick at least 35
µm,
and with a surface similar or bigger than the
one shown, is created making use of the
printed circuit.
Such heatsinking surface is considered on the
bottom side of an horizontal PCB (worst case).
Rth j-amb2
If the power dissipating pins (the four central
ones), as well as the others, have a minimum
thermal connection with the external world
(very thin strips only) so that the dissipation
takes place through still air and through the
PCB itself.
It is the same situation of point above, without
any heatsinking surface created on purpose on
the board.
Additional data for the PowerDip package can be
found in:
Application Note 9030:
Thermal Characteristics of the PowerDip
20,24 Packages Soldered on 1,2,3 oz.
Copper PCB
THERMAL DATA
Symbol
Parameter
DIP20
SO20
Unit
Rth j-pin
Thermal Resistance, Junction to Pin
12
17
°C/W
Rth j-amb1
Thermal Resistance, Junction to Ambient (see Thermal
Characteristics)
40
65
°C/W
Rth j-amb2
Thermal Resistance, Junction to Ambient (see Thermal
Characteristics)
50
80
°C/W
Figure 1: Printed Heatsink
L6374
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com