Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6374
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics L6374 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
APPLICATION NOTE
It is recommended not to leave the Ref pin
(pin 11) floating: if not used with an external volt-
age reference, it is better to connect an external
capacitor (of at least 10nF) between this pin and
ground.
This capacitor filters the voltage reference against
voltage spikes that can be generated by the com-
mutation of the output stages.
This is very common using capacitive loads: in
fact, the initial transient of such loads behaves
like a short circuit, so the current flowing through
the outputs presents very high spikes.
Moreover, if the device is used as a line receiver.
(i.e. the input signals can go below ground) it is
required not to leave the Ref pin (pin 11) floating:
in this case, the pin can be connected to ground
or to a fixed external voltage reference.
L6374
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com