Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6374
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 2Page - STMicroelectronics L6374 Datasheet HTML 3Page - STMicroelectronics L6374 Datasheet HTML 4Page - STMicroelectronics L6374 Datasheet HTML 5Page - STMicroelectronics L6374 Datasheet HTML 6Page - STMicroelectronics L6374 Datasheet HTML 7Page - STMicroelectronics L6374 Datasheet HTML 8Page - STMicroelectronics L6374 Datasheet HTML 9Page - STMicroelectronics L6374 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3 STATE / PUSH-PULL INPUT
The input 3st/Pp is instead intended for a digital
incoming signal. It has an internal threshold set at
1.26V; an internal bias circuit (10
µA typical) simu-
lates a high level (three-state) if the pin is discon-
nected.
THE SWITCHING OF THE OUTPUT STAGE
The cross conduction of the two transistors of an
output stage of the L6374 would be significantly
noisy, because the transistors here can carry
peak currents in excess of 100mA, and even
more in the few nanoseconds before the current
limiting circuits are really effective.
Consequently the device has been designed so
as to avoid such cross conduction. At every
switching transition, first of all the transistor in
conduction is turned off. Then, after a safe inter-
val of around 200ns, the other transistor is turned
on.
When analyzing the switching cycle, and the as-
sociated switching times, it is useful to identify
some subsequent phases:
- delay from the input pin to the output reaction;
- off transition in the output stage;
- dead time;
- on transition in the output stage.
Figure 4 helps understand such sequence. In
Figure 4: VS = 35V, 350
Ω connected to VS/2.
Vref
Vi
Vs
Vout
Hys2
Hys2
22
D94IN073
Figure 3: Input Comparator Threshold
L6374
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com