Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6615
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6615 Datasheet HTML 6Page - STMicroelectronics L6615 Datasheet HTML 7Page - STMicroelectronics L6615 Datasheet HTML 8Page - STMicroelectronics L6615 Datasheet HTML 9Page - STMicroelectronics L6615 Datasheet HTML 10Page - STMicroelectronics L6615 Datasheet HTML 11Page - STMicroelectronics L6615 Datasheet HTML 12Page - STMicroelectronics L6615 Datasheet HTML 13Page - STMicroelectronics L6615 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
L6615
10/20
3
SHARE DRIVE SECTION, ERROR AMPLIFIER AND ADJUST AMPLIFIER
The gain between the output of CSA (CGA pin) and output of SDA (SH pin) is 1 (typ.) so, for the master
power supply, VCGA = VSH; the voltage on the share bus is imposed by the master.
In the slave converters, being VCGA(SLAVE) < VCGA(MASTER), the diode at the output of SDA (see block
diagram) isolates the output this amplifier from the share bus.
The Share Sense Amplifier (SSA) reads the bus voltage transferring the signal to the non-inverting input
of the error amplifier where it is compared with CGA voltage.
Whenever a controller acts as the master in the system, the voltage difference between the E/A inputs is
zero. To guarantee its output low in such condition, a 40mV offset is inserted in series with the inverting
input.
Instead in the slave converters the input voltage difference is proportional to the difference between the
master load current and the relevant slave load current.
The transconductance E/A converts the
∆V at its inputs in a current equal to
flowing in the compensation network connected between COMP pin and ground.
The E/A output voltage drives the adjust amplifier to sink current from the ADJ pin that is connected to the
output voltage through a small resistor along the sense path. The current sunk by ADJ pin is deviated from
feedback path of the slave power supply that reacts increasing its duty cycle.
In steady state the current sunk by the ADJ pin is proportional to the value of error amplifier output.
4
DESIGNING WITH L6615
The first design step is usually the choice of the sense resistor whose maximum value is limited by power
dissipation; this constraint must be traded off against the precision of L6615 current sensing. In fact a small
sense resistance value lowers the power dissipation but reduces the signal available at the inputs of the
L6615 current sense amplifier.
Once fixed RSENSE then the values for RG and RGCA will be chosen in accordance with the application
specs: usually these specs define the share bus voltage (VSH(MAX)) and the number of paralleled power
supplies.
Their value must comply with the constraints imposed by the L6615:
Figure 11. Simplified feedback block diagram.
I
OU T
G
M
∆V
⋅
=
PWM
CONTROLLER
PWM
CONTROLLER
Z
L
I
LOAD
R
SENSE
R
SENSE
Σ
Σ
+
+
-
-
SHARE BUS
G
M*ZCOMP(s)*RADJ
R
A
Σ
+
-
+
V
REF
K*V
OUT (*)
G
M*ZCOMP(s)*RADJ
R
A
Σ
+
-
+
V
REF
K*V
OUT (*)
POWER
STAGE 1
POWER
STAGE 2
V
OUT
α * R
CGA / RG
α * R
CGA / RG
I
OUT(1)
I
OUT(2)
(*) K depends on the
feedback divider ratio
PWM
CONTROLLER
PWM
CONTROLLER
Z
L
I
LOAD
R
SENSE
R
SENSE
Σ
Σ
+
+
-
-
SHARE BUS
G
M*ZCOMP(s)*RADJ
R
A
Σ
+
-
+
V
REF
K*V
OUT (*)
G
M*ZCOMP(s)*RADJ
R
A
Σ
+
-
+
V
REF
K*V
OUT (*)
POWER
STAGE 1
POWER
STAGE 2
V
OUT
α * R
CGA / RG
α * R
CGA / RG
I
OUT(1)
I
OUT(2)
(*) K depends on the
feedback divider ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com