Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6615
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615 Datasheet(HTML) 2 Page - STMicroelectronics

  L6615 Datasheet HTML 1Page - STMicroelectronics L6615 Datasheet HTML 2Page - STMicroelectronics L6615 Datasheet HTML 3Page - STMicroelectronics L6615 Datasheet HTML 4Page - STMicroelectronics L6615 Datasheet HTML 5Page - STMicroelectronics L6615 Datasheet HTML 6Page - STMicroelectronics L6615 Datasheet HTML 7Page - STMicroelectronics L6615 Datasheet HTML 8Page - STMicroelectronics L6615 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L6615
2/20
DESCRIPTION (continued)
Load sharing is a technique used in all the systems in which the load requires low voltage, high current
and/or redundancy; for this reason a modular power system is necessary in which two or more power sup-
plies or DC-DC converters are paralleled.
The device is able to perform both high side and low side current sensing, that is the sense current resistor
can be placed either in series to the power supplies output or on the ground return.
The L6615 then drives the share bus to a voltage proportional to the output current of the master that is
to the highest amongst the output currents delivered by the paralleled power supplies.
The share bus dynamics is independent of the power supply output voltage and is clamped only by the
device supply voltage (VCC).
The output voltage of the other paralleled power supplies (slaves) is then trimmed by the ADJ pin so that
they can support their amount of load current. The slave power supplies work as current-controlled current
sources.
Sharing the output currents is useful for equalizing also the thermal stress of the different modules and
providing an advantage in term of reliability.
Moreover the paralleled supplies architecture allows achieving redundancy; the failure of one of the mod-
ules can be tolerated until the capability of the remaining power supplies is enough to provide the required
load current.
PIN DESCRIPTION
Pin
Function
1
GND
Ground.
2
CS-
Input of current sense amplifier; it is connected to the negative side of the sense resistor through
a resistor (RG2).
3
CS+
Input of current sense amplifier. A resistor (RG1, of the same value as RG2) is placed between
this pin and the positive side of the sense resistor: its value defines the transconductance gain
between ICGA and VSENSE.
4
ADJ
Output of Adjust amplifier; it is connected to both the load (through a resistor RADJ) and to the
positive remote sense pin of the power system. This pin is an open collector diverting (from the
feedback path) a current proportional to the difference between the current supplied to the load
by the relevant power supply and the current supplied by the master.
5
COMP
Output of the current sharing (transconductance) error amplifier and input of ADJ amplifier.
Typically, a compensation network is placed between this pin and ground. The maximum voltage
is internally clamped to 1.5V (typ.)
6
SH
Share bus pin. During the power supply
slave operation, this pin acts as positive input from
share bus. During power supply
master operation, it drives the share bus to a voltage
proportional to the load current.
The
share bus connects the SH pins of all the paralleled modules. A capacitor between this pin
and GND could be useful to reduce the noise present on the share bus.
7
CGA
Current Gain Adjust pin; current sense amplifier output. A resistor connected between this pin
and ground defines the maximum voltage on the share bus and sets the gain of the current
sharing system.
8VCC
Supply voltage of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com