Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6615
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615 Datasheet(HTML) 4 Page - STMicroelectronics

  L6615 Datasheet HTML 1Page - STMicroelectronics L6615 Datasheet HTML 2Page - STMicroelectronics L6615 Datasheet HTML 3Page - STMicroelectronics L6615 Datasheet HTML 4Page - STMicroelectronics L6615 Datasheet HTML 5Page - STMicroelectronics L6615 Datasheet HTML 6Page - STMicroelectronics L6615 Datasheet HTML 7Page - STMicroelectronics L6615 Datasheet HTML 8Page - STMicroelectronics L6615 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
L6615
4/20
ELECTRICAL CHARACTERISTCS
(Tj = -40 to 85°C, Vcc=12V, VADJ = 12V, CCOMP = 5nF to GND, RCGA = 16kΩ, unless otherwise specified;
VSENSE = IL * RSENSE, RG1 = RG2 = 200Ω)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vcc
Vcc
Operating range
2.7
22
V
Icc
Quiescent current
VSH= 1V, VSENSE= 0V
5
6
mA
VCC, ON
Turn-on voltage
VSH= 0.2V, VSENSE= 0V
2.45
2.60
2.75
V
VCC,OFF
Turn-off voltage
2.35
2.5
2.65
V
VH
Hysteresis
100
mV
Vz
ICC = 20mA
24
26
V
CURRENT SENSE AMPLIFIER
VOS
Input offset voltage
0.1V
≤ VSH ≤ 10.0V
-1.5
0.0
1.5
mV
VCGA
Out high voltage
VSENSE = 0.25V
Vcc-2.2
V
ICGAS
Short circuit current
VCGA= 0V, VSENSE= 0.45V
-1.5
-2.0
mA
IB(CS-)
Input bias current (high side
sensing)
VSENSE = 0V, VCS+=+12V
1.0
µA
IB(CS+)
Input bias current (low side
sensing)
VSENSE = 0V, VCS+=0V
-1.0
µA
CMR
Common mode dynamics range
VCS-, VCS+
0VCC
V
VTHCS+
Switchover threshold low side to
high side sensing
VCS+
1.6
V
SWH
Switchover hysteresis
0.16
V
SHARE DRIVE AMPLIFIER
HVSH
SH high output voltage
VSENSE= 250mV, ISH= -1mA
Vcc-2.2
V
LVSH
SH low output voltage
VCGA= 0mV, RSH= 200
Ω
45
mV
α(+)
High side sensing mirror accuracy
(*)
±1
±5
%
α(-)
Low side sensing mirror accuracy
(*)
±1
±5
%
VSH, load Load regulation
-1.0mA
≤ ISDA(OUT) ≤ -4mA
20
mV
ISC
Short circuit current
VSH= 0V, VSENSE= 25mV
-20
-13.5
-8
mA
SR
Slew rate
VSENSE= -10mV to 90mV step,
RSH= 200Ω to GND
0.8
1.5
2.2
V/
µs
VSENSE= 90mV to –10mV step,
RSH= 200Ω to GND
234
V/
µs
SHARE SENSE AMPLIFIER
Ri
Input impedance
22.4
32
41.6
k
Ω
ERROR AMPLIFIER
Gm
Transconductance
3
4
5
mS
Vos
Input offset voltage
VCGA=1V
30
50
70
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com