Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6615
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6615 Datasheet HTML 12Page - STMicroelectronics L6615 Datasheet HTML 13Page - STMicroelectronics L6615 Datasheet HTML 14Page - STMicroelectronics L6615 Datasheet HTML 15Page - STMicroelectronics L6615 Datasheet HTML 16Page - STMicroelectronics L6615 Datasheet HTML 17Page - STMicroelectronics L6615 Datasheet HTML 18Page - STMicroelectronics L6615 Datasheet HTML 19Page - STMicroelectronics L6615 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
L6615
16/20
Consider, for example an application with VOUT = 1.2V and the sense resistor placed high side; the voltage
at CS+:
VCS+ = VOUT - ∆VSENSE
is lower than 1.6V so the internal comparator triggers on the LSA structure and the pin CS- sources the
current ICS (see paragraph "2. CURRENT SENSE SECTION"). The IC works properly because the dy-
namics of LSA spreads down to zero: in this case it is necessary to pay attention to the design of ADJ
network.
Now consider, for example, an application with VOUT =1.5V where, because of the drop across RSNS, the
voltage at CS+ pin could be very close to the threshold: if such voltage is overcome (start-up, load regu-
lation, overvoltage,…) , then the HSA structure will be activated; as nominal conditions are restored, the
hysteresis will then keep HSA active (unless VCS+ falls under the lower threshold).
8
OFFSET TRIMMING
The current sharing accuracy strongly depends on the unbalance between the relevant parameters of the
paralleled sections. Each percentage point on the relevant parameters tolerance introduces a maximum
error equal to the double of the tolerance.The L6615 introduces an inherent error in current sharing due
to the 40mV offset at the negative input of the error amplifier; this offset is necessary to guarantee the low
value of the master COMP pin.
Considering perfectly matched all other parameters, the offset introduces a percentage error equal to 4%
divided by the voltage on the share bus. In particular:
Being VSH directly proportional to the load current and fixed the ratio RCGA/RG, higher are the currents
involved in the sharing, lower is the error.
Another error is introduced by the current sense amplifier due to its input offset whose amplitude can be
±1mV: being typically the drop across RSNS about one hundred mV at full load, the offset could lead to an
error of some percentage point.
Whenever the application requires very high current sharing accuracy, it is possible to correct these offsets
through a triggering process, introducing a trimmer (RK) between current sense input pins.
Referring to fig. 16, in case of high side sensing, the equations governing the circuit are:
VP = VM + VO
where VO is the current sense amplifier input offset.
Solving for IG, we get:
Ideally IG should be equal only to the first term: this current will be sunk by CS+ pin, internally mirrored
with 1:1 ratio and sent to CGA pin.
Imposing that the sum of two latter terms is zero it is possible to find the value of
δ deleting the effect of
the offset:
I
SLAV E
I
MAST ER
1
40m A
V
SH
----------------
–


⋅
=
V
OUT
V
M
–
R
G
-----------------------------
V
M
1
δ
–
() R
K
⋅
-----------------------------
=
V
OUT
V
SENSE
V
P
–
+
R
G
---------------------------------------------------------
V
P
δ R
K
⋅
---------------
–
I
G
=
I
G
V
SENSE
R
G
----------------------
δ R
K
R
G
+
⋅
δ R
K
R
G
⋅⋅
------------------------------ V
O
V
OUT
2
δ 1
–
⋅
δ R
K
1
δ
–
() R
G
+
⋅
[]
⋅
--------------------------------------------------------
⋅
+
⋅
–
=
δ
OPT
1
2
---
2V
OUT
R
G
4V
OUT
2
R
G
2
V
O
2
R
K
2
4V
O
2
R
G
R
K
⋅⋅
⋅
+
⋅
+
⋅⋅
–
⋅⋅
2V
O
R
K
⋅⋅
------------------------------------------------------------------------------------------------------------------------------------------------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com