Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6615
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615 Datasheet(HTML) 1 Page - STMicroelectronics

  L6615 Datasheet HTML 1Page - STMicroelectronics L6615 Datasheet HTML 2Page - STMicroelectronics L6615 Datasheet HTML 3Page - STMicroelectronics L6615 Datasheet HTML 4Page - STMicroelectronics L6615 Datasheet HTML 5Page - STMicroelectronics L6615 Datasheet HTML 6Page - STMicroelectronics L6615 Datasheet HTML 7Page - STMicroelectronics L6615 Datasheet HTML 8Page - STMicroelectronics L6615 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
L6615
July 2003
s
SSI SPECS COMPLIANT
s
HIGH/LOW SIDE CURRENT SENSING
s
FULLY COMPATIBLE WITH REMOTE
OUTPUT VOLTAGE SENSING
s
FULL DIFFERENTIAL LOW OFFSET
CURRENT SENSE
s
2.7V TO 22V VCC OPERATING RANGE
s
32k
Ω SHARE SENSE AMPLIFIER INPUT
IMPEDANCE
s
HYSTERETIC UVLO
APPLICATION
s
DISTRIBUTED POWER SYSTEMS
s
HIGH DENSITY DC-DC CONVERTERS
s
(N+1) REDUNDANT SYSTEMS, N UP TO 20
s
SMPS FOR (WEB) SERVERS
DESCRIPTION
This controller IC is specifically designed to
achieve load sharing of paralleled and indepen-
dent power supply modules in distributed power
systems, by adding only few external components.
Current sharing is achieved through a single wire
connection (share bus) common to all of the paral-
leled modules.
DIP8
SO8
ORDERING NUMBERS:
L6615N
L6615D
L6615DTR(T & Reel)
HIGH/LOW SIDE LOAD SHARE CONTROLLER
TYPICAL APPLICATION DIAGRAM
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
GND
PS #1
C
C
R
C
R
CGA
R
ADJ
R
SENSE
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
+OUT_S
-OUT_S
-OUT
PS #N
C
C
R
C
R
CGA
R
ADJ
R
SENSE
+OUT
+OUT_S
-OUT_S
-OUT
R
G1
R
G2
R
G1
R
G2
SHARE BUS
LOAD
(
*
) OR-ing FET can
be used to reduce
power dissipation
(
*
)
(
*
)
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
GND
PS #1
C
C
R
C
R
CGA
R
ADJ
R
SENSE
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
+OUT_S
-OUT_S
-OUT
PS #N
C
C
R
C
R
CGA
R
ADJ
R
SENSE
+OUT
+OUT_S
-OUT_S
-OUT
R
G1
R
G2
R
G1
R
G2
SHARE BUS
LOAD
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
GND
PS #1
C
C
R
C
R
CGA
R
ADJ
R
SENSE
CS-
CGA
CS+
VCC
ADJ
SHARE
GND
COMP
3
2
4
1
5
6
7
8
L6615
+OUT
+OUT_S
-OUT_S
-OUT
PS #N
C
C
R
C
R
CGA
R
ADJ
R
SENSE
+OUT
+OUT_S
-OUT_S
-OUT
R
G1
R
G2
R
G1
R
G2
SHARE BUS
LOAD
(
*
) OR-ing FET can
be used to reduce
power dissipation
(
*
)
(
*
)
BCD TECHNOLOGY


Similar Part No. - L6615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610D STMICROELECTRONICS-L6610D Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610DTR STMICROELECTRONICS-L6610DTR Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6610N STMICROELECTRONICS-L6610N Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
More results

Similar Description - L6615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
Load Share Controller
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
Hot Swappable Load Share Controller
logo
Texas Instruments
UC1907 TI-UC1907 Datasheet
169Kb / 8P
LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
Hot Swappable Load Share Controller
logo
Texas Instruments
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
LOAD SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
ADVANCED 8-PIN LOAD-SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
Advanced 8-Pin Load-Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com