Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 8Page - STMicroelectronics L6910A Datasheet HTML 9Page - STMicroelectronics L6910A Datasheet HTML 10Page - STMicroelectronics L6910A Datasheet HTML 11Page - STMicroelectronics L6910A Datasheet HTML 12Page - STMicroelectronics L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics L6910A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
L6910A L6910
12/21
Figure 10. PCB and Components Layouts
Figure 11. PCB and Components Layouts
Figures 10 and 11 show the demo board layout.
Considering the flexibility in the power mosfet configuration (up to three mosfet for both high side and low side),
it is possible to obtain different application idea with the same board.
In the following paragraphs, it will be described the standard demo-board configuration (8A) and the high current
configuration.
APPLICATION IDEA: 5V TO 12V INPUT; 0.9V TO 5V / 8A OUTPUT
This is a typical bus termination application in which the output voltage is programmed by the switch to 1.2V typ
(it can range from 0.9V to 5V) and the maximum output current is of 8A DC. The power mosfet are configured
with one STS12NF30L (30V, 10m
Ω typ @ Vgs=4.5V ) for both hgih side and low side.
Inductor selection
Since the maximum output current is 8A, to have a 15% ripple (1A) in worst case the inductor chosen is 4.1
µH.
SUMIDA CEE125 series inductor has been chosen with a 4.2
µA typical value.
Component Side
Internal Signal GND Layer
Internal Power GND Layer
Solder Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com