Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 10Page - STMicroelectronics L6910A Datasheet HTML 11Page - STMicroelectronics L6910A Datasheet HTML 12Page - STMicroelectronics L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics L6910A Datasheet HTML 16Page - STMicroelectronics L6910A Datasheet HTML 17Page - STMicroelectronics L6910A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
L6910A L6910
14/21
Figure 12. Demo Board Efficiency @ Vin = 5V
APPLICATION IDEA: 5V TO 12V INPUT; 3.3V / 25A OUTPUT
This is a typical application to replace the mag-amp in the silver box. The output voltage is programmed by the
switch to 3.3V and the maximum output current is of 25A DC. The power mosfet are configured with three
STS11NF30L (30V, 9m
Ω typ @ Vgs = 10V ) for high side and two of them for the low side.
Inductor selection
Since the maximum output current is 25A, to have a 20% ripple (5A) in worst case the inductor chosen is 1.1
µH.
An iron powder core (TO50-52B) with 6 windings has been chosen.
Output Capacitor
4 POSCAP capacitors, model 6TPB330M, are used, with a maximum ESR equal to 40m
Ω each. Therefore the
resultant ESR is of 10m
Ω. For load transient of 20A in the worst case the voltage drop is lower than 5%:
∆Vout = 20 · 0.01 = 200mV
Input Capacitor
For IOUT = 25A and D = 0.5 (worst case for input ripple current), Irms is equal to 12.5A. Three OSCON electro-
lytic capacitors 6SP680M, with a maximum ESR equal to 13m
Ω, are chosen to sustain the ripple. Therefore,
the resultant ESR is equal to 13m
Ω/3 = 4.3mΩ. So the losses in worst case are:
P = ESR ·
= 670mW
Over-Current Protection
The peak current is in this case equal to 30A, substituting the demo board parameters in the relationship report-
ed in the relative section, (IOCSMIN = 170µA; IP = 30A; RDSONMAX = 3mΩ) it results that ROCS = 530Ω.
60
65
70
75
80
85
90
95
0
246
8
10
Output Current [A]
Vout = 0.9V
Vout = 1.2V
Vout = 1.5V
Vout = 1.8V
Vout = 2.5V
Vout = 3.3V
I
rm s
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com