Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 12Page - STMicroelectronics L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics L6910A Datasheet HTML 16Page - STMicroelectronics L6910A Datasheet HTML 17Page - STMicroelectronics L6910A Datasheet HTML 18Page - STMicroelectronics L6910A Datasheet HTML 19Page - STMicroelectronics L6910A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
L6910A L6910
16/21
5A Demo Board Description
The demo board shows the operation of the device in a general purpose application. The interanl reference is
used for the regulation. The external power mosfets are included in one SO8 package to save space and in-
crease power density.The 12V input rail supplies the device while the power conversion starts from the 5V input
rail. The device is also able to operate with a single supply voltage; in this case the jumper J1on the board bot-
tom has to be closed and a 5V to 12V input can be directly connected to the VIN input.
Figure 14. 5A Demo Board Schematic
Figure 15. PCB and Components Layouts
Efficiency
Figure 16 shows the measured efficiency versus load current for different values of output voltage. The measure
was done at 5V and 12V input for different values of the output voltage (2.5V, 3.3V and 5V only when Vin=12V).
Output voltage has been changed modifying the value of R1 in the demo board as reported in the part list.
L1
R7
C1,C2
C7
C3, C4
Q1/2
Q1/1
13
14
10
11
3
1
U1
L6910
VIN (+5V)
VOUT
PWRGD
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
COMP
C19
R1
C9
C6
D1
GNDIN
GNDOUT
R2
C8
C5
R6
C18
8
R5
R3
R4
C20
EAREF
BOOT
R9
R8
R10
D2
C10
R11
GNDCC
J1
VCC (+12V)
Component Side
Solder Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com