Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics L6910A Datasheet HTML 16Page - STMicroelectronics L6910A Datasheet HTML 17Page - STMicroelectronics L6910A Datasheet HTML 18Page - STMicroelectronics L6910A Datasheet HTML 19Page - STMicroelectronics L6910A Datasheet HTML 20Page - STMicroelectronics L6910A Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
L6910A L6910
Figure 16. Demoboard efficiency with VCC = VIN = 5V (left), and with VCC = VIN = 12V (right).
Part List
Resistors
R1
560
375
220
1%; (Vout = 2.5V)
1%; (Vout = 3.3V)
1%; (Vout = 5V)
SMD 0805
R2
10K
SMD 0805
R3
1K
SMD 0805
R4
33
SMD 0805
R5
2.7K
SMD 0805
R6
10
SMD 0805
R7
680
SMD 0805
R8, R9
2.2
SMD 0805
Capacitors
C1,C2
10
µF
TOKIN C34Y5U1E106ZTE12
SMD 7343
C3, C4
100
µF – 6.3V
POSCAP 6TPB100M
SMD 7343
C5,C6,C9
100nF
SMD 0805
C7, C8
1nF
SMD 0805
C18
1.5n
SMD 0805
C19
15n
SMD 0805
C20
47n
SMD 0805
Magnetics
L1
10µH
T50-52B Core, 12T
Transistors
Q1
STS7DNF30L
STMicroelectronics
SO8
Diodes
D1
1N4148
SOT23
D2
STPS125A
STMicroelectronics
SMA
Ics
U1
L6910
STMicroelectronics
SO16Narrow
85
86
87
88
89
90
91
92
93
94
95
01234
5
Output Current [A]
Vout=3.3V
Vout=2.5V
60
65
70
75
80
85
90
95
0
12345
Output Current [A]
Vout=2.5V
Vout=3.3V
Vout=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com